Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA743 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA743
Description  12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA743 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA743 Datasheet HTML 5Page - Texas Instruments OPA743 Datasheet HTML 6Page - Texas Instruments OPA743 Datasheet HTML 7Page - Texas Instruments OPA743 Datasheet HTML 8Page - Texas Instruments OPA743 Datasheet HTML 9Page - Texas Instruments OPA743 Datasheet HTML 10Page - Texas Instruments OPA743 Datasheet HTML 11Page - Texas Instruments OPA743 Datasheet HTML 12Page - Texas Instruments OPA743 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
OPA743
9
SBOS201
APPLICATIONS INFORMATION
OPA743 series op amps can operate on 1.1mA quiescent
current from a single (or split) supply in the range of 3.5V
to 12V (
±1.75V to ±6V), making them highly versatile and
easy to use. The OPA743 is unity-gain stable and offers
7MHz bandwidth and 10V/
µs slew rate.
Rail-to-rail input and output swing helps maintain dynamic
range, especially in low supply applications. Figure 1 shows
the input and output waveforms for the OPA743 in unity-
gain configuration. On a
±6V supply with a 100kΩ load
connected to VS/2. The output is tested to swing within
100mV to the rail.
Power-supply pins should be bypassed with 1000pF ceramic
capacitors in parallel with 1
µF tantalum capacitors.
OPERATING VOLTAGE
OPA743 series op amps are fully specified and guaranteed
from 3.5V to 12V over a temperature range of –40ºC to
+85ºC. Parameters that vary significantly with operating
voltages or temperature are shown in the Typical Character-
istics.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA743 series
extends 100mV beyond the supply rails at room temperature.
This is achieved with a complementary input stage—an N-
channel input differential pair in parallel with a P-channel
differential pair. The N-channel pair is active for input volt-
ages close to the positive rail, typically (V+) – 2.0V to 100mV
above the positive supply, while the P-channel pair is on for
inputs from 100mV below the negative supply to approxi-
mately (V+) – 1.5V. There is a small transition region,
typically (V+) – 2.0V to (V+) – 1.5V, in which both pairs are
on. This 500mV transition region can vary
±100mV with
process variation. Thus, the transition region (both stages on)
can range from (V+) – 2.1V to (V+) – 1.4V on the low end,
up to (V+) – 1.9V to (V+) – 1.6V on the high end. Most rail-
to-rail op amps on the market use this two input stage
approach, and exhibit a transition region where CMRR, offset
voltage, and THD may vary compared to operation outside
this region.
FIGURE 1. Rail-to-Rail Input and Output.
FIGURE 3. OPA743—No Phase Inversion with Inputs
Greater than the Power-Supply Voltage.
FIGURE 2. Input Current Protection for Voltages Exceeding
the Supply Voltage.
R
OPA743
10mA max
+V
V–
V
IN
V
OUT
I
OVERLOAD
INPUT VOLTAGE
Device inputs are protected by ESD diodes that will conduct if
the input voltages exceed the power supplies by more than
approximately 300mV. Momentary voltages greater than 300mV
beyond the power supply can be tolerated if the current is limited
to 10mA. This is easily accomplished with an input resistor, in
series with the op amp input as shown in Figure 2. Many input
signals are inherently current-limited to less than 10mA; there-
fore, a limiting resistor is not always required. The OPA743
features no phase inversion when the inputs extend beyond
supplies if the input current is limited, as seen in Figure 3.
Input
G = +1, V
S ± 6V
Output (Inverted on osciloscope)
20
µs/div
8
6
4
2
0
–2
–4
–6
–8
V
S = ±6V, VIN = 13Vp-p, G = +1
20
µs/div
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output. This output stage is
capable of driving 1k
Ω loads connected to any point be-
tween V+ and V–. For light resistive loads (> 100k
Ω), the
output voltage can swing to 100mV from the supply rail.
With 1k
Ω resistive loads, the output can swing to within
325mV from the supply rails while maintaining high open-
loop gain (see the typical performance curve “Output Volt-
age Swing vs Output Current”).


Similar Part No. - OPA743

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA743 BURR-BROWN-OPA743 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA743NA/250 BURR-BROWN-OPA743NA/250 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA743NA/250 TI1-OPA743NA/250 Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA743NA/3K BURR-BROWN-OPA743NA/3K Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA743NA/3K TI1-OPA743NA/3K Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA743 BURR-BROWN-OPA743 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com