Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA695IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDR
Description  Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695IDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA695IDR Datasheet HTML 1Page - Texas Instruments OPA695IDR Datasheet HTML 2Page - Texas Instruments OPA695IDR Datasheet HTML 3Page - Texas Instruments OPA695IDR Datasheet HTML 4Page - Texas Instruments OPA695IDR Datasheet HTML 5Page - Texas Instruments OPA695IDR Datasheet HTML 6Page - Texas Instruments OPA695IDR Datasheet HTML 7Page - Texas Instruments OPA695IDR Datasheet HTML 8Page - Texas Instruments OPA695IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
1.2
1
0.8
0.6
0.4
0.2
0
−0.2
Time (1ns/div)
Voltage at
Matched Load
125MHz Input
OPA695
+5V
511Ω
75Ω
75Ω
V
LOAD
V
IN
RG-59
75Ω
511Ω
−5V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA695
SBOS293H – DECEMBER 2003 – REVISED DECEMBER 2015
OPA695 Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
1 Features
3 Description
The OPA695 is a high bandwidth, current-feedback
1
Gain = +2 Bandwidth (1400 MHz)
operational amplifier that combines an exceptional
Gain = +8 Bandwidth (450 MHz)
4300-V/
μs slew rate and a low input voltage noise to
Output Voltage Swing: ±4.2 V
deliver a precision, low-cost, high dynamic range
intermediate frequency (IF) amplifier. Optimized for
Ultra-High Slew Rate: 4300 V/
μs
high gain operation, the OPA695 is ideally suited to
3RD-Order Intercept: > 40 dBm (f < 50 MHz)
buffering surface acoustic wave (SAW) filters in an IF
Low Power: 129 mW
strip, or delivering high output power at low distortion
for cable-modem upstream line drivers. At lower
Low Disabled Power: 0.5 mW
gains, a higher bandwidth of 1400 MHz is achievable,
Packages: SOIC-8, VSSOP-8, SOT23-6
making the OPA695 an excellent video line driver for
supporting high-resolution RGB applications.
2 Applications
The OPA695 low 12.9-mA supply current is precisely
Very Wideband ADC Drivers
trimmed at +25°C. This trim, along with a low
Low-Cost Precision IF Amplifiers
temperature drift, gives low system power over
Broadband Video Line Drivers
temperature. System power may be further reduced
using the optional disable control pin. Leaving this pin
Portable Instruments
open, or holding it HIGH, gives normal operation. If
Active Filters
pulled LOW, the OPA695 supply current drops to less
ARB Waveform Output Drivers
than 170
μA. This power-saving feature, along with
exceptional single +5-V operation and ultra-small
OPA685 Performance Upgrades
SOT23-6 packaging, make the OPA695 ideal for
portable applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (6)
1.60 mm × 2.90 mm
OPA695
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Gain 2V/V Video Line Driver
Gain of +2V/V Video Line Driver Pulse Response
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA695IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDR TI-OPA695IDR Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695IDRG4 TI1-OPA695IDRG4 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results

Similar Description - OPA695IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com