Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA699 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA699 Datasheet(HTML) 4 Page - Texas Instruments

  OPA699 Datasheet HTML 1Page - Texas Instruments OPA699 Datasheet HTML 2Page - Texas Instruments OPA699 Datasheet HTML 3Page - Texas Instruments OPA699 Datasheet HTML 4Page - Texas Instruments OPA699 Datasheet HTML 5Page - Texas Instruments OPA699 Datasheet HTML 6Page - Texas Instruments OPA699 Datasheet HTML 7Page - Texas Instruments OPA699 Datasheet HTML 8Page - Texas Instruments OPA699 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
OPA699
4
SBOS261D
www.ti.com
OPA699ID
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
OUTPUT VOLTAGE LIMITERS
Pins 5 and 8
Output Voltage Limited Range
±3.8
typ
C
Default Limit Voltage, Upper
Limiter Pins Open
+3.5
+3.3
+3.2
+3.1
V
min
A
Lower
–3.5
–3.3
–3.2
–3.1
V
max
A
Minimum Limiter Separation (VH – VL)
400
400
400
400
mV
min
B
Maximum Limit Voltage
±4.3
±4.3
±4.3
V
max
B
Limiter Input Bias Current Magnitude(6)
VO = 0
Maximum
50
60
62
64
µAmax
A
Minimum
50
40
38
36
µAmin
A
Average Drift
30
35
nA/
°Cmax
B
Limiter Input Impedance
3.4 || 1
M
Ω || pF
typ
C
Limiter Feedthrough(7)
f = 5MHz
–60
dB
typ
C
DC Performance in Limit Mode
VIN = ±0.7V
Limiter Offset Voltage
(VO – VH) or (VO – VL)
±10
±30
±35
±40
mV
max
A
Op Amp Input Bias Current Shift(4)
Linear
↔ Limited Operation
3
µA
typ
C
AC Performance in Limit Mode
Limiter Small-Signal Bandwidth
VIN = ±0.7V, VO < 0.02VPP
600
MHz
typ
C
Limiter Slew Rate(8)
125
V/
µs
typ
C
Limited Step Response
Overshoot
VIN = 0V to ±0.7V Step
250
mV
typ
C
Recovery Time
VIN = ±0.7V to 0V Step
1
1.9
2
2.1
ns
max
B
Linearity Guardband(9)
f = 5MHz, VO = 2VPP
30
mV
typ
C
THERMAL CHARACTERISTICS
Temperature Range
Specification, I
–40 to +85
°C
typ
C
Thermal Resistance
Junction-to-Ambient
DSO-8
125
°C/W
typ
C
NOTES: (1) Junction temperature = ambient temperature for low temperature limit and +25
°C Test Level A specifications. Junction temperature = ambient
temperature +23
°C at high temperature limit Test Level A specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +1
°C at high temperature limit for over-temperature
tested specifications.
(3) Test Levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value for information only.
(4) Current is considered positive out-of-node.
(5) CMIR tested as < 3dB degradation from minimum CMRR at specified limits.
(6) IVH (VH bias current) is positive, and IVL (VL bias current) is negative, under these conditions. See Note 3 and Figures 1 and 12.
(7) Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
(8) VH slew rate conditions are: VIN = +0.7V, G = +6, VL = –2V, VH = step between 2V and 0V. VL slew rate conditions are similar.
(9) Linearity Guardband is defined for an output sinusoid (f = 1MHz, VO = 2VPP) centered between the limiter levels (VH and VL). It is the difference
between the limiter level and the peak output voltage where SFDR decreases by 3dB (see Figure 8).
ELECTRICAL CHARACTERISTICS: VS = ±5V (Cont.)
Boldface limits are tested at +25
°C.
G = +6, RF = 750Ω, RL = 500Ω, VH = –VL = 2V, (Figure 1 for AC performance only), unless otherwise noted.
TYP
MIN/MAX OVER TEMPERATURE


Similar Part No. - OPA699

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA699 BURR-BROWN-OPA699 Datasheet
461Kb / 25P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699ID BURR-BROWN-OPA699ID Datasheet
461Kb / 25P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA699ID TI1-OPA699ID Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699IDG4 TI1-OPA699IDG4 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA699IDR BURR-BROWN-OPA699IDR Datasheet
461Kb / 25P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA699

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699IDG4 TI1-OPA699IDG4 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA689 BURR-BROWN-OPA689 Datasheet
175Kb / 16P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699 BURR-BROWN-OPA699 Datasheet
461Kb / 25P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA689 TI1-OPA689 Datasheet
306Kb / 20P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com