Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HC08F Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC08F
Description  High-Speed CMOS Logic Quad 2-Input AND Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC08F Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC08F Datasheet HTML 1Page - Texas Instruments CD54HC08F Datasheet HTML 2Page - Texas Instruments CD54HC08F Datasheet HTML 3Page - Texas Instruments CD54HC08F Datasheet HTML 4Page - Texas Instruments CD54HC08F Datasheet HTML 5Page - Texas Instruments CD54HC08F Datasheet HTML 6Page - Texas Instruments CD54HC08F Datasheet HTML 7Page - Texas Instruments CD54HC08F Datasheet HTML 8Page - Texas Instruments CD54HC08F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
2
-
20
-
40
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC
and
GND
0
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
2
-
20
-
40
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
- 2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
All
0.6
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g. 360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
Input to Output (Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
90
-
115
-
135
ns
4.5
-
-
18
-
23
-
27
ns
6
-
-
15
-
20
-
23
ns
Propagation Delay, Data Input to
Output Y
tPLH, tPHL CL = 15pF
5
-
7
-
----
ns
CD54HC08, CD74HC08, CD54HCT08, CD74HCT08


Similar Part No. - CD54HC08F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC08F TI-CD54HC08F Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08F3A TI-CD54HC08F3A Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08F3A TI-CD54HC08F3A Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08F3A TI1-CD54HC08F3A Datasheet
909Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08F3A TI1-CD54HC08F3A Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results

Similar Description - CD54HC08F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC08 TI1-CD54HC08_15 Datasheet
909Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HC08MG4 TI-CD74HC08MG4 Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI-CD54HC08 Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC32 TI-CD54HC32 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC00 TI1-CD54HC00_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HCT32 TI-CD54HCT32 Datasheet
35Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input OR Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com