Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC126 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC126
Description  High-Speed CMOS Logic Quad Buffer, Three-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC126 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC126 Datasheet HTML 1Page - Texas Instruments CD74HC126 Datasheet HTML 2Page - Texas Instruments CD74HC126 Datasheet HTML 3Page - Texas Instruments CD74HC126 Datasheet HTML 4Page - Texas Instruments CD74HC126 Datasheet HTML 5Page - Texas Instruments CD74HC126 Datasheet HTML 6Page - Texas Instruments CD74HC126 Datasheet HTML 7Page - Texas Instruments CD74HC126 Datasheet HTML 8Page - Texas Instruments CD74HC126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay Data
to Outputs
tPLH, tPHL
CL = 50pF
2
-
100
125
150
ns
4.5
-
20
25
30
ns
CL = 15pF
5
8
-
-
-
ns
CL = 50pF
6
-
17
21
36
ns
Enable Delay Time
tPZL, tPZH
CL = 50pF
2
-
125
155
190
ns
4.5
-
25
31
38
ns
CL = 15pF
5
10
-
-
-
ns
CL = 50pF
6
-
21
26
32
ns
Disabling Delay Time
tPLZ, tPHZ
CL = 50pF
2
-
125
155
190
ns
CL = 50pF
4.5
-
25
31
38
ns
CL = 15pF
5
10
-
-
-
ns
CL = 50pF
6
-
21
26
32
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
2
-
60
75
90
ns
4.5
-
12
15
18
ns
6
-
10
13
15
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
30
-
-
-
pF
HCT TYPES
Propagation Delay Time
to Outputs
tPLH, tPHL
CL = 50pF
4.5
-
24
30
36
ns
CL = 15pF
5
9
-
-
-
ns
Output Enable Time
tPZL, tPZH
CL = 50pF
4.5
-
25
31
38
ns
CL = 15pF
5
10
-
-
-
ns
Output Disabling Time
tPLZ, tPHZ
CL = 50pF
4.5
-
28
35
42
ns
CL = 15pF
5
11
-
-
-
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
4.5
-
12
15
18
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
36
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per multiplexer.
4. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD54HC126, CD74HC126, CD54HCT126, CD74HCT126


Similar Part No. - CD74HC126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC126 TI-CD74HC126 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HC126 TI-CD74HC126 Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC126 TI-CD74HC126 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC126E TI-CD74HC126E Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HC126E TI-CD74HC126E Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
More results

Similar Description - CD74HC126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC125 TI-CD74HC125 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HC126 TI-CD74HC126 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI1-CD54HC125_14 Datasheet
618Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI-CD54HC125_06 Datasheet
265Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126 Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com