Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54122RHLT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54122RHLT
Description  Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54122RHLT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54122RHLT Datasheet HTML 4Page - Texas Instruments TPS54122RHLT Datasheet HTML 5Page - Texas Instruments TPS54122RHLT Datasheet HTML 6Page - Texas Instruments TPS54122RHLT Datasheet HTML 7Page - Texas Instruments TPS54122RHLT Datasheet HTML 8Page - Texas Instruments TPS54122RHLT Datasheet HTML 9Page - Texas Instruments TPS54122RHLT Datasheet HTML 10Page - Texas Instruments TPS54122RHLT Datasheet HTML 11Page - Texas Instruments TPS54122RHLT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
0
50
100
150
200
250
1
1.5
2
2.5
3
3.5
4
4.5
V
BIAS - VOUT (V)
125°C
25°C
-40°C
C005
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V
LDOIN - VOUT (V)
1 kHz
100 kHz
1 MHz
10 MHz
C022
0.776
0.784
0.792
0.8
0.808
0.816
0.824
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
V
LDOIN - VOUT (V)
125°C
25°C
-40°C
C002
0.776
0.784
0.792
0.8
0.808
0.816
0.824
1
1.5
2
2.5
3
3.5
4
4.5
V
BIAS - VOUT (V)
125°C
25°C
-40°C
C004
0.776
0.784
0.792
0.8
0.808
0.816
0.824
0
500
1,000
1,500
2,000
2,500
3,000
I
OUT (mA)
125°C
25°C
-40°C
C001
0.776
0.784
0.792
0.8
0.808
0.816
0.824
0
10
20
30
40
50
I
OUT (mA)
125°C
25°C
-40°C
C003
8
TPS54122
SBVS221B – NOVEMBER 2013 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS54122
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
At VVIN = VBIAS= VLDOEN= 5 V, VLDOIN = DC-DC_OUT = 2.1 V, VO = 1.8 V, IO = 50 mA, VEN = floating, COUT = 100 μF, and CSS =
CNR = 0.01 µF (see Figure 27), unless otherwise noted.
NOTE: Y-axis shows a 1% VOUT per division.
Figure 1. Load Regulation
NOTE: Y-axis shows a 1% VOUT per division.
Figure 2. Load Regulation Under Light Loads
NOTE: Y-axis shows a 1% VOUT per division.
Figure 3. LDOIN Line Regulation
NOTE: Y-axis shows a 1% VOUT per division.
Figure 4. LDO Bias Line Regulation
IO = 3 A
Figure 5. LDO Dropout Voltage vs LDO Bias Voltage
IO = 500 mA
Figure 6. LDO Power-Supply Ripple Rejection vs
LDO Dropout Voltage


Similar Part No. - TPS54122RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
More results

Similar Description - TPS54122RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122-Q1 TI-TPS54122-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Texas Instruments
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
logo
Wall Industries,Inc.
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
logo
Bothhand USA, LP.
B3-0515D3-LF BOTHHAND-B3-0515D3-LF Datasheet
918Kb / 6P
   3 Watt Dual Output DC-DC Converter
B3-0515D3LF BOTHHAND-B3-0515D3LF Datasheet
918Kb / 6P
   3 Watt Dual Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com