Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGFM305 Datasheet(PDF) 5 Page - Formosa MS

Part # EGFM305
Description  Chip Effcienct Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

EGFM305 Datasheet(HTML) 5 Page - Formosa MS

  EGFM305 Datasheet HTML 1Page - Formosa MS EGFM305 Datasheet HTML 2Page - Formosa MS EGFM305 Datasheet HTML 3Page - Formosa MS EGFM305 Datasheet HTML 4Page - Formosa MS EGFM305 Datasheet HTML 5Page - Formosa MS EGFM305 Datasheet HTML 6Page - Formosa MS EGFM305 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Formosa MS
Page 5
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
EGFM301 THRU EGFM305
Item
Tolerance
SMC
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
330.00
178.00
50.00
62.00
13.00
1.75
5.50
8.00
4.00
2.00
0.23
12.00
18.00
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
5.10
7.20
2.50
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121522
2009/08/10
2010/03/10
D
7
Chip Effcienct Fast Rectifiers


Similar Part No. - EGFM305

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EGFM305-BS FORMOSA-EGFM305-BS Datasheet
125Kb / 7P
   Chip Effcienct Fast Rectifiers
More results

Similar Description - EGFM305

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EGFM201-BS FORMOSA-EGFM201-BS Datasheet
115Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101 FORMOSA-EGFM101 Datasheet
59Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-M FORMOSA-EGFM101-M Datasheet
61Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-S FORMOSA-EGFM101-S Datasheet
59Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM201 FORMOSA-EGFM201 Datasheet
72Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM301-BS FORMOSA-EGFM301-BS Datasheet
125Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-MS FORMOSA-EGFM101-MS Datasheet
62Kb / 7P
   SMD Effcienct Fast Rectifiers
FFM101-S FORMOSA-FFM101-S Datasheet
99Kb / 7P
   Chip Fast Recovery Rectifiers
MURS140-BS FORMOSA-MURS140-BS Datasheet
63Kb / 7P
   Chip Ultra Fast Rectifiers
MURS260-BS FORMOSA-MURS260-BS Datasheet
100Kb / 7P
   Chip Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com