Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54110 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54110
Description  3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54110 Datasheet HTML 4Page - Texas Instruments TPS54110 Datasheet HTML 5Page - Texas Instruments TPS54110 Datasheet HTML 6Page - Texas Instruments TPS54110 Datasheet HTML 7Page - Texas Instruments TPS54110 Datasheet HTML 8Page - Texas Instruments TPS54110 Datasheet HTML 9Page - Texas Instruments TPS54110 Datasheet HTML 10Page - Texas Instruments TPS54110 Datasheet HTML 11Page - Texas Instruments TPS54110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
5
C3
+
RT
SYNC
SS/ENA
VBIAS
VIN
VIN
VIN
PGND
PGND
PGND
PwrPd
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
4
3
2
1
VIN (4.5 − 5.5 V)
C1
10 µF
R7
10 k
U2
TPS54110PWP
PWRGD
R4
71.5 k
C5
.047 µF
C4
0.1 µF
C9
10 µF
21
0.047 µF
R3
19.1 k
C7
33 pF
C6
2700 pF
C8
2200 pF
R5
2.05 k
R1
10.7 k
R2
3.92 k
1
2
L1
6.8 µH
3.3 V at 1.5 A
C2
100 µF
s(kHz)
100
500kHz
RT(k ) =
¦
´
W
TPS54110
SLVS500C
– DECEMBER 2003 – REVISED FEBRUARY 2011
www.ti.com
APPLICATION INFORMATION
Figure 9 shows the schematic diagram for a typical TPS54110 application. The TPS54110 can provide up to
1.5 A of output current at a nominal output voltage of 3.3 V. For proper thermal performance, the exposed
PowerPAD underneath the device must be soldered down to the printed-circuit board.
Figure 9. Application Schematic
Design Procedure
The following design procedure can be used to select component values for the TPS54110. Alternately, the
SWIFT Designer Software can be used to generate a complete design. The SWIFT Designer Software uses an
iterative design procedure to access a comprehensive database of components when generating a design. This
section presents a simplified discussion of the design process.
Design Parameters
The required parameters to begin the design process and values for this design example are listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
4.5 to 5.5 V
Output voltage
3.3 V
Input ripple voltage
100 mV
Output ripple voltage
30 mV
Output current rating
1.5 A
Operating frequency
700 kHz
As an additional constraint, the design is set up to be small size and low component height.
Switching Frequency
The switching frequency is set within the range of 280 kHz to 700 kHz by connecting a resistor from the RT pin
to AGND. Equation 1 is used to determine the proper RT value.
(1)
In this example, the timing-resistor value chosen for R4 is 71.5 k
Ω, setting the switching frequency to 700 kHz.
8
Submit Documentation Feedback
© 2003–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54110


Similar Part No. - TPS54110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110 TI-TPS54110 Datasheet
331Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS BUCK PWM
TPS54110 TI-TPS54110 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110PWP TI-TPS54110PWP Datasheet
331Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS BUCK PWM
More results

Similar Description - TPS54110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110 TI-TPS54110_15 Datasheet
898Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs ( SWIFT??
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com