Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54062DRBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54062DRBT
Description  4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54062DRBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54062DRBT Datasheet HTML 2Page - Texas Instruments TPS54062DRBT Datasheet HTML 3Page - Texas Instruments TPS54062DRBT Datasheet HTML 4Page - Texas Instruments TPS54062DRBT Datasheet HTML 5Page - Texas Instruments TPS54062DRBT Datasheet HTML 6Page - Texas Instruments TPS54062DRBT Datasheet HTML 7Page - Texas Instruments TPS54062DRBT Datasheet HTML 8Page - Texas Instruments TPS54062DRBT Datasheet HTML 9Page - Texas Instruments TPS54062DRBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
TPS54062
SLVSAV1D – MAY 2011 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS54062
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS54062
UNIT
MSOP
VSON
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
127.1
40.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.4
49.7
RθJB
Junction-to-board thermal resistance
80
15.7
ψJT
Junction-to-top characterization parameter
1
0.6
ψJB
Junction-to-board characterization parameter
79
15.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
4.1
(1)
The Electrical Ratings specified in this section will apply to all specifications in this document unless otherwise noted. These
specifications will be interpreted as conditions that will not degrade the device’s parametric or functional specifications for the life of the
product containing it.
6.5 Electrical Characteristics
(1)
TJ = –40°C to 125°C, VIN = 4.7 to 60 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
VIN
4.7
60
V
Shutdown supply current
EN = 0 V
1.7
µA
Iq Operating – Non-switching
VSENSE = 0.9 V, VIN = 12 V
89
110
µA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.24
1.4
V
Falling
1
1.14
V
Input current
Enable threshold +50 mV
–4.7
µA
Enable threshold –50 mV
–1.2
µA
Hysteresis
3.5
µA
Enable to start switching time
450
µs
VIN
VIN start voltage
VIN rising
4.53
V
VOLTAGE REFERENCE
Voltage reference
1mA < IOUT < Minimum Current Limit
0.784
0.8
0.816
V
HIGH-SIDE MOSFET
Switch resistance
BOOT-PH = 5.7 V
1.5
2.8
Ω
LOW-SIDE MOSFET
Switch resistance
VIN = 12 V
0.8
1.5
Ω
ERROR AMPLIFIER
Input Current
VSENSE pin
20
nA
Error amp gm
–2 µA < I(COMP) < 2 µA, V(COMP) = 1 V
102
µS
EA gm during slow-start
–2 µA < I(COMP) < 2 µA, V(COMP) = 1 V, VSENSE = 0.4 V
26
µS
Error amp DC gain
VSENSE = 0.8 V
1000
V/V
Min unity gain bandwidth
0.5
MHz
Error amp source/sink
V(COMP) = 1 V, 100-mV Overdrive
±8
µA
Start Switching Threshold
0.57
V
COMP to Iswitch gm
0.65
A/V
CURRENT LIMIT
High-side sourcing current limit
threshold
VIN = 12V, BOOT-PH = 5.7 V
75
134
mA
Zero cross detect current
–0.7
mA


Similar Part No. - TPS54062DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062DGKR TI1-TPS54062DGKR Datasheet
751Kb / 30P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
More results

Similar Description - TPS54062DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com