Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54062DRBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54062DRBR
Description  4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54062DRBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54062DRBR Datasheet HTML 6Page - Texas Instruments TPS54062DRBR Datasheet HTML 7Page - Texas Instruments TPS54062DRBR Datasheet HTML 8Page - Texas Instruments TPS54062DRBR Datasheet HTML 9Page - Texas Instruments TPS54062DRBR Datasheet HTML 10Page - Texas Instruments TPS54062DRBR Datasheet HTML 11Page - Texas Instruments TPS54062DRBR Datasheet HTML 12Page - Texas Instruments TPS54062DRBR Datasheet HTML 13Page - Texas Instruments TPS54062DRBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
100
110
120
130
140
150
160
170
0
5
10
15
20
25
30
35
40
45
50
55
60
Input Voltage (V)
TJ = −40°C
TJ = 25°C
TJ = 125°C
G018
0
20
40
60
80
100
120
140
0
1
2
3
4
5
Input Voltage (V)
TJ = 125°C
TJ = 25°C
TJ = −40°C
G010
4.12
4.13
4.14
4.15
4.16
4.17
4.18
4.19
4.20
4.21
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
FSW = 240KHz
G025
84
86
88
90
92
94
96
98
0
5
10
15
20
25
30
35
40
45
50
55
60
Input Voltage (V)
TJ = 125°C
TJ = −40°C
TJ = 25°C
Non−Switching
G008
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
1
2
3
4
5
Input Voltage (V)
TJ = 125°C
TJ = 25°C
TJ = −40°C
G011
10
TPS54062
SLVSAV1D – MAY 2011 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS54062
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Supply Current (VIN pin) vs Input Voltage
Figure 14. Supply Current (VIN pin)
vs Input Voltage (0V to VSTART) EN Pin Low
Figure 15. Supply Current (VIN pin) vs
Input Voltage (0V to VSTART) EN Pin Open
Figure 16. Slow-Start Time vs Temperature
Figure 17. Current Limit vs
Input Voltage


Similar Part No. - TPS54062DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062DGKR TI1-TPS54062DGKR Datasheet
751Kb / 30P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
More results

Similar Description - TPS54062DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com