Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54062DRBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54062DRBR
Description  4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54062DRBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54062DRBR Datasheet HTML 3Page - Texas Instruments TPS54062DRBR Datasheet HTML 4Page - Texas Instruments TPS54062DRBR Datasheet HTML 5Page - Texas Instruments TPS54062DRBR Datasheet HTML 6Page - Texas Instruments TPS54062DRBR Datasheet HTML 7Page - Texas Instruments TPS54062DRBR Datasheet HTML 8Page - Texas Instruments TPS54062DRBR Datasheet HTML 9Page - Texas Instruments TPS54062DRBR Datasheet HTML 10Page - Texas Instruments TPS54062DRBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
TPS54062
www.ti.com
SLVSAV1D – MAY 2011 – REVISED JULY 2016
Product Folder Links: TPS54062
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics
(1) (continued)
TJ = –40°C to 125°C, VIN = 4.7 to 60 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Thermal shutdown
146
C
RT/CLK
Operating frequency using RT mode
100
400
kHz
Switching frequency
R(RT/CLK) = 510 kΩ
192
240
288
kHz
Minimum CLK pulse width
40
ns
RT/CLK voltage
R(RT/CLK) = 510 kΩ
0.53
V
RT/CLK high threshold
1.3
V
RT/CLK low threshold
0.5
V
RT/CLK falling edge to PH rising
edge delay
Measure at 240 kHz with RT resistor in series
100
200
ns
PLL lock in time
Measure at 240 kHz
100
µs
PLL frequency range
300
400
kHz
PH
Minimum On-time
Measured at 50% to 50% of VIN IOUT = 50 mA
120
ns
Dead time
VIN = 12V, IOUT = 50 mA, One transition
30
ns
BOOT
BOOT-PH regulation voltage
VIN = 12 V
5.7
V
BOOT-PH UVLO
2.9
V
INTERNAL SLOW-START TIME
Slow-start time
fSW = 240 kHz, RT = 510 kΩ, 10% to 90%
4.1
ms


Similar Part No. - TPS54062DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062DGKR TI1-TPS54062DGKR Datasheet
751Kb / 30P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
More results

Similar Description - TPS54062DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com