Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54062 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54062
Description  4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54062 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54062 Datasheet HTML 5Page - Texas Instruments TPS54062 Datasheet HTML 6Page - Texas Instruments TPS54062 Datasheet HTML 7Page - Texas Instruments TPS54062 Datasheet HTML 8Page - Texas Instruments TPS54062 Datasheet HTML 9Page - Texas Instruments TPS54062 Datasheet HTML 10Page - Texas Instruments TPS54062 Datasheet HTML 11Page - Texas Instruments TPS54062 Datasheet HTML 12Page - Texas Instruments TPS54062 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
−2.0
−1.8
−1.6
−1.4
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0
5
10
15
20
25
30
35
40
45
50
55
60
Input Voltage (V)
G016
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
45
50
55
60
Input Voltage (V)
TJ = 125°C
TJ = 25°C
TJ = −40°C
G009
−3.60
−3.55
−3.50
−3.45
−3.40
−3.35
−3.30
−3.25
−3.20
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
VIN = 12V
G015
4.05
4.10
4.15
4.20
4.25
4.30
4.35
4.40
4.45
4.50
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
UVLO Start
UVLO Stop
G012
0
20
40
60
80
100
120
140
−50
−25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V
G007
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
VENA Rising
VENA Falling
VIN = 12V
G013
9
TPS54062
www.ti.com
SLVSAV1D – MAY 2011 – REVISED JULY 2016
Product Folder Links: TPS54062
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Error Amp Transconductance vs Temperature
Figure 8. Enable Pin Voltage vs Temperature
Figure 9. Enable Pin Hysteresis Current
vs Temperature
Figure 10. Input Voltage (UVLO) vs Temperature
Figure 11. Enable Pin Pullup Current vs Input Voltage
Figure 12. Shutdown Supply Current (VIN) vs Input Voltage


Similar Part No. - TPS54062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI1-TPS54062 Datasheet
751Kb / 30P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062 TI1-TPS54062 Datasheet
1Mb / 38P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062DGKR TI1-TPS54062DGKR Datasheet
751Kb / 30P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062 TI1-TPS54062_14 Datasheet
1Mb / 38P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
More results

Similar Description - TPS54062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com