Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGFM103 Datasheet(PDF) 3 Page - Formosa MS

Part # EGFM103
Description  Chip Effcienct Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

EGFM103 Datasheet(HTML) 3 Page - Formosa MS

  EGFM103 Datasheet HTML 1Page - Formosa MS EGFM103 Datasheet HTML 2Page - Formosa MS EGFM103 Datasheet HTML 3Page - Formosa MS EGFM103 Datasheet HTML 4Page - Formosa MS EGFM103 Datasheet HTML 5Page - Formosa MS EGFM103 Datasheet HTML 6Page - Formosa MS EGFM103 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Rating and characteristic curves (EGFM101 THRU EGFM105)
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
10 / 20ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
FIG.2-TYPICAL FORWARD CURRENT
0.2
0
0.4
0.6
0.8
1.0
1.2
DERATING CURVE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100
LEAD TEMPERATURE ( C)
°
0
25
50
75
100
125
150
175
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
T =25 C
f=1.0MHZ
J
Vsig = 50mVp-p
NUMBER OF CYCLES AT 60Hz
10
0
20
30
40
50
110
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
P.C.B. Mounted on
0.2 x 0.2 (5 mm x 5 mm)
Copper Pad Areas
""
DS-121514
2008/02/10
2010/05/10
D
7
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
O
TJ=25 C
pulse width =300us
1% duty cycle
EGFM101 - EGFM103
EGFM104
EGFM105


Similar Part No. - EGFM103

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EGFM103-M FORMOSA-EGFM103-M Datasheet
61Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM103-MH1 FORMOSA-EGFM103-MH1 Datasheet
62Kb / 7P
   Chip Efficient Fast Rectifier
EGFM103-MS FORMOSA-EGFM103-MS Datasheet
62Kb / 7P
   SMD Effcienct Fast Rectifiers
EGFM103-S FORMOSA-EGFM103-S Datasheet
59Kb / 7P
   Chip Effcienct Fast Rectifiers
More results

Similar Description - EGFM103

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EGFM201-BS FORMOSA-EGFM201-BS Datasheet
115Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-M FORMOSA-EGFM101-M Datasheet
61Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM301 FORMOSA-EGFM301 Datasheet
123Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-S FORMOSA-EGFM101-S Datasheet
59Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM201 FORMOSA-EGFM201 Datasheet
72Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM301-BS FORMOSA-EGFM301-BS Datasheet
125Kb / 7P
   Chip Effcienct Fast Rectifiers
EGFM101-MS FORMOSA-EGFM101-MS Datasheet
62Kb / 7P
   SMD Effcienct Fast Rectifiers
FFM101-S FORMOSA-FFM101-S Datasheet
99Kb / 7P
   Chip Fast Recovery Rectifiers
MURS140-BS FORMOSA-MURS140-BS Datasheet
63Kb / 7P
   Chip Ultra Fast Rectifiers
MURS260-BS FORMOSA-MURS260-BS Datasheet
100Kb / 7P
   Chip Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com