Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EF8A40 Datasheet(PDF) 6 Page - Formosa MS

Part # EF8A40
Description  Effciency Fast Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

EF8A40 Datasheet(HTML) 6 Page - Formosa MS

  EF8A40 Datasheet HTML 1Page - Formosa MS EF8A40 Datasheet HTML 2Page - Formosa MS EF8A40 Datasheet HTML 3Page - Formosa MS EF8A40 Datasheet HTML 4Page - Formosa MS EF8A40 Datasheet HTML 5Page - Formosa MS EF8A40 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
EF8A05 THRU EF8A60
Document ID
Issued Date
Revised Date
Revision
Page.
Effciency Fast Rectifiers
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16" 1/32"
at 245 5
for 5 sec.
V =80% rate at T =150
for 168 hrs.
Rated average rectifier current at T =25
for 500hrs.
T = 25 C, I = I
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
15P
at T =121
for 4 hrs.
-55
to +125
dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
at T =85
, RH=85% for 1000hrs.
at 175
for 1000 hrs.
±C
±
±
±C
C
C
C
CC
C
C
O
O
O
O
O
OO
O
O
RJ
A
AF
O
SIG
A
A
O
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
JESD22-A102
Item Test
Conditions
Reference
High reliability test capabilities
DS-222503
2008/02/10
2015/07/06
D
6


Similar Part No. - EF8A40

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
EF8A40 FRONTIER-EF8A40 Datasheet
1Mb / 2P
   8.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
logo
Formosa MS
EF8A40F FORMOSA-EF8A40F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
More results

Similar Description - EF8A40

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EF10A05F FORMOSA-EF10A05F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
EF8A05F FORMOSA-EF8A05F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
EF5A05 FORMOSA-EF5A05 Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
EF1005CT FORMOSA-EF1005CT Datasheet
51Kb / 6P
   Effciency Fast Rectifiers
EF1605CT FORMOSA-EF1605CT Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
FE8A60 FORMOSA-FE8A60 Datasheet
89Kb / 6P
   Effciency Fast Rectifiers
FE8A60F FORMOSA-FE8A60F Datasheet
90Kb / 6P
   Effciency Fast Rectifiers
EF5A05F FORMOSA-EF5A05F Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
EF1005FCT FORMOSA-EF1005FCT Datasheet
51Kb / 6P
   Effciency Fast Rectifiers
EF10A05 FORMOSA-EF10A05 Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com