Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EF8A40 Datasheet(PDF) 4 Page - Formosa MS

Part # EF8A40
Description  Effciency Fast Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

EF8A40 Datasheet(HTML) 4 Page - Formosa MS

  EF8A40 Datasheet HTML 1Page - Formosa MS EF8A40 Datasheet HTML 2Page - Formosa MS EF8A40 Datasheet HTML 3Page - Formosa MS EF8A40 Datasheet HTML 4Page - Formosa MS EF8A40 Datasheet HTML 5Page - Formosa MS EF8A40 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pinning information
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
EF8A05
EF8A05
EF8A10
EF8A10
EF8A20
EF8A20
EF8A40
EF8A40
EF8A60
EF8A60
Page 4
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
EF8A05 THRU EF8A60
Document ID
Issued Date
Revised Date
Revision
Page.
PIN2
PIN1
CASE
Effciency Fast Rectifiers
1
2
TO-220AC
50
525*32*7.5
1000
555*150*40
580*230*175
5,000
15.0
PACKAGE
TUBE
TUBE SIZE
BOX
INNER
BOX
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
Tube packing
DS-222503
2008/02/10
2015/07/06
D
6


Similar Part No. - EF8A40

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
EF8A40 FRONTIER-EF8A40 Datasheet
1Mb / 2P
   8.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
logo
Formosa MS
EF8A40F FORMOSA-EF8A40F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
More results

Similar Description - EF8A40

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EF10A05F FORMOSA-EF10A05F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
EF8A05F FORMOSA-EF8A05F Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
EF5A05 FORMOSA-EF5A05 Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
EF1005CT FORMOSA-EF1005CT Datasheet
51Kb / 6P
   Effciency Fast Rectifiers
EF1605CT FORMOSA-EF1605CT Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
FE8A60 FORMOSA-FE8A60 Datasheet
89Kb / 6P
   Effciency Fast Rectifiers
FE8A60F FORMOSA-FE8A60F Datasheet
90Kb / 6P
   Effciency Fast Rectifiers
EF5A05F FORMOSA-EF5A05F Datasheet
52Kb / 6P
   Effciency Fast Rectifiers
EF1005FCT FORMOSA-EF1005FCT Datasheet
51Kb / 6P
   Effciency Fast Rectifiers
EF10A05 FORMOSA-EF10A05 Datasheet
53Kb / 6P
   Effciency Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com