Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53632RSMT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53632RSMT
Description  3-2-1 Phase D-CAP??Step-Down Driverless Controller for Low-Voltage Applications with I2C Interface Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53632RSMT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53632RSMT Datasheet HTML 4Page - Texas Instruments TPS53632RSMT Datasheet HTML 5Page - Texas Instruments TPS53632RSMT Datasheet HTML 6Page - Texas Instruments TPS53632RSMT Datasheet HTML 7Page - Texas Instruments TPS53632RSMT Datasheet HTML 8Page - Texas Instruments TPS53632RSMT Datasheet HTML 9Page - Texas Instruments TPS53632RSMT Datasheet HTML 10Page - Texas Instruments TPS53632RSMT Datasheet HTML 11Page - Texas Instruments TPS53632RSMT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
TPS53632
SLUSBW8 – SEPTEMBER 2014
www.ti.com
6.6 Timing Requirements
The TPS53632 requires the ENABLE signal on Pin 8 to go from low to high only after the V5A (5V), the VDD
(3.3V) and the VIN rails have gone high.
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Controller minimum OFF
tOFF(min)
Fixed value
20
time
ns
Controller minimum ON
tON(min)
RCF = 150 kΩ, VVIN = 20 V, VVFB = 0 V
20
time
TIMERS: SLEW RATE, ADDR, SLEEP EXIT, ON TIME AND I/O TIMING
tSTART-CB
Cold boot time(1)
VBOOT > 0V , EN = high, CREF = 0.33 µF
1.2
ms
tSTBY-E
Standby exit time(2)
VVID = 1.28 V, RSLEW = 39 kΩ
250
µs
RSLEW = 20 kΩ
6
RSLEW = 24 kΩ
12
Slew rate setting for VID
SLSET
RSLEW = 30 kΩ
18
mV/µs
change
RSLEW = 39 kΩ
24
RSLEW = 56 kΩ
30
Slew rate setting for start-
SLSTART
(3)
EN goes high, RSLEW = 39 kΩ
12
mV/µs
up
VSLEWA ≤ 0.30 V (Addr = 100 0xxx)
000b
Address setting 3 LSB of
ADDR
0.75 V
≤ VSLEWA ≤ 0.85 V
011b
I2C address
1.15 V
≤ VSLEWA ≤ 1.25 V
101b
PGOOD deglitch time
tPGDDGLTO
1
(over)(4)
µs
PGOOD deglitch time
tPGDDGLTU
31
(under)(5)
RCF = 20 kΩ
295
RCF = 24 kΩ, VVIN = 12 V, VVFB = 1 V (400 kHz)
230
tON
On time
RCF = 39 kΩ, VVIN = 12 V, VVFB = 1 V (600 kHz)
164
ns
RCF = 75 kΩ, VVIN = 12 V, VVFB = 1 V (800 kHz)
140
RCF = 150 kΩ, VVIN = 12 V, VVFB = 1 V (1 MHz)
128
PWM AND SKIP OUTPUTS
PWMx/SKIP H-L transition
tP-S_H-L
(3)
10% to 90%, both edges
7
20
time
ns
tP-S_TRI
(3)
PWMx tri-state transition
10% or 90% to tri-state level, both edges
5
20
PROTECTION: OVP, UVP, PGOOD AND THERMAL SHUTDOWN
PGOOD low after enable
tPG2
Low state time after EN goes low.
225
250
275
µs
goes low
(1)
Cold boot time is defined as the time from UVLO detection to VOUT ramp.
(2)
Standby exit time is defined as the time from EN assertion until PGOOD goes high
(3)
Specified by design. Not production tested.
(4)
PGOOD deglitch time (over) is defined as the time from when the VFB pin rises above the 250-mV VDAC boundary to when the PGOOD
pin goes low.
(5)
PGOOD deglitch time (under) is defined as the time from when the VFB pin falls below the –300-mV VDAC boundary to when the
PGOOD pin goes low.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS53632


Similar Part No. - TPS53632RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
TPS53632G TI1-TPS53632G Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632GRSMR TI1-TPS53632GRSMR Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632GRSMT TI1-TPS53632GRSMT Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632G TI1-TPS53632G_16 Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
More results

Similar Description - TPS53632RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59632-Q1 TI1-TPS59632-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   TPS59632-Q1 2.5-V To 24-V, 3-, 2-, and 1-Phase Step-Down Driverless Controller for Automotive ADAS Applications
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
Semtech Corporation
SC493 SEMTECH-SC493 Datasheet
559Kb / 28P
   EcoSpeedTM Step-down Controller with I2C Interface
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
logo
Maxim Integrated Produc...
MAX15569 MAXIM-MAX15569 Datasheet
1Mb / 41P
   2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Rev 0; 3/13
logo
Texas Instruments
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
logo
ON Semiconductor
NCP81611 ONSEMI-NCP81611 Datasheet
499Kb / 30P
   4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
May, 2020 - Rev. 4
logo
Texas Instruments
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com