Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS310609DVB Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS310609DVB
Description  ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS310609DVB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS310609DVB Datasheet HTML 6Page - Texas Instruments TPS310609DVB Datasheet HTML 7Page - Texas Instruments TPS310609DVB Datasheet HTML 8Page - Texas Instruments TPS310609DVB Datasheet HTML 9Page - Texas Instruments TPS310609DVB Datasheet HTML 10Page - Texas Instruments TPS310609DVB Datasheet HTML 11Page - Texas Instruments TPS310609DVB Datasheet HTML 12Page - Texas Instruments TPS310609DVB Datasheet HTML 13Page - Texas Instruments TPS310609DVB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPS31xxExx, TPS31xxH20, TPS31xxK33
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
SLVS363B − AUGUST 2001 − REVISED SEPTEMBER 2004
www.ti.com
10
SENSE
The voltage at the SENSE input is compared with a reference voltage of 0.551 V. If the voltage at SENSE falls
below the sense-threshold (VIT−(S)), reset is asserted. On the TPS3106, a dedicated RSTSENSE output is
available. On the TPS3110, the logic signal from SENSE is OR-wired with the logic signal from VDD or MR. An
internal timer delays the return of the output to the inactive state, once the voltage at SENSE goes above 0.551 V
plus about 15 mV of hysteresis. For proper operation of the SENSE-comparator, the supply voltage must be
higher than 0.8 V.
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE (UNLESS
OTHERWISE NOTED)(1)
Supply voltage, VDD (2)
3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All other pins (2)
−0.3 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum low output current, IOL
5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum high output current, IOH
−5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDD)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDD)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Soldering temperature
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to GND. For reliable operation, the device must not be operated at 3.6 V for more than t=1000h continuously.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD (1)
0.4
3.3
V
Input voltage, VI
0
VDD + 0.3
V
High-level input voltage, VIH at MR, WDI
0.7
× VDD
V
Low-level input voltage, VIL at MR, WDI
0.3
× VDD
V
Input transition rise and fall rate at
∆t/∆V at MR, WDI
100
ns/V
Operating free-air temperature range, TA
−40
85
°C
(1) For proper operation of SENSE, PFI, and WDI functions: VDD ≥ 0.8 V


Similar Part No. - TPS310609DVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3106 TI-TPS3106 Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI1-TPS3106-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E09 TI1-TPS3106E09 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3106E09DBVR TI-TPS3106E09DBVR Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results

Similar Description - TPS310609DVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com