Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS548D21 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS548D21
Description  1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS548D21 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS548D21 Datasheet HTML 3Page - Texas Instruments TPS548D21 Datasheet HTML 4Page - Texas Instruments TPS548D21 Datasheet HTML 5Page - Texas Instruments TPS548D21 Datasheet HTML 6Page - Texas Instruments TPS548D21 Datasheet HTML 7Page - Texas Instruments TPS548D21 Datasheet HTML 8Page - Texas Instruments TPS548D21 Datasheet HTML 9Page - Texas Instruments TPS548D21 Datasheet HTML 10Page - Texas Instruments TPS548D21 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
TPS548D21
www.ti.com
SLUSCI8 – JULY 2016
Product Folder Links: TPS548D21
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range, VVDD = 12V, VEN_UVLO = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(3)
Calculated from 20-A test data. Not production tested.
SOFT-START
tSS
Soft-start time
VOUT rising from 0 V to
95% of final set point,
RMODE_HIGH = 100 kΩ
RMODE_LOW = 60.4 kΩ
8.0
ms
RMODE_LOW = 53.6 kΩ
4.0
RMODE_LOW = 47.5 kΩ
2.0
RMODE_LOW = 42.2 kΩ
1.0
POWER-ON DELAY
tPODLY
Power-on delay time
256
µs
PGOOD COMPARATOR
VPGTH
PGOOD threshold
PGOOD in from higher
105
108
111
%VREF
105
108
111 %VREFIN_TRK
PGOOD in from lower
89
92
95
%VREF
89
92
95 %VREFIN_TRK
PGOOD out to higher
120
%VREF
120
%VREFIN_TRK
PGOOD out to lower
68
%VREF
68
%VREFIN_TRK
IPG
PGOOD sink current
VPGOOD = 0.5 V
6.9
mA
IPGLK
PGOOD leakage current
VPGOOD = 5.0 V
–1
0
1
μA
tPGDLY
PGOOD delay time
Delay for PGOOD going in
8.192
ms
Delay for PGOOD coming out
2
µs
CURRENT DETECTION
VILM
VILIM voltage range
On-resistance (RDS(on)) sensing
0.1
1.2
V
IOCL_VA
Valley current limit threshold
RLIM = 130 kΩ
40
A
OC tolerance
±10%(3)
RLIM = 97.6 kΩ
30
A
OC tolerance
±15%(3)
RLIM = 64.9 kΩ
20
A
OC tolerance
±20%
IOCL_VA_N
Negative valley current limit
threshold
RLIM = 130 kΩ
–40
A
RLIM = 97.6 kΩ
–30
RLIM = 64.9 kΩ
–20
ICLMP_LO
Clamp current at VLIM clamp
at lowest
VILIM_CLMP = 0.1 V, TA = 25°C
6.25
A
ICLMP_HI
Clamp current at VLIM clamp
at highest
VILIM_CLMP = 1.2 V, TA = 25°C
75
A
VZC
Zero cross detection offset
0
mV


Similar Part No. - TPS548D21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D22RVFR TI1-TPS548D22RVFR Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D22RVFT TI1-TPS548D22RVFT Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
[Old version datasheet]   TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
TPS548D26 TI1-TPS548D26 Datasheet
2Mb / 40P
[Old version datasheet]   TPS548D26 4V to 16V Input, 40A Synchronous Buck Converter With Differential Remote Sense
FEBRUARY 2024
More results

Similar Description - TPS548D21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com