Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS546C23RVFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS546C23RVFT
Description  4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS546C23RVFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS546C23RVFT Datasheet HTML 3Page - Texas Instruments TPS546C23RVFT Datasheet HTML 4Page - Texas Instruments TPS546C23RVFT Datasheet HTML 5Page - Texas Instruments TPS546C23RVFT Datasheet HTML 6Page - Texas Instruments TPS546C23RVFT Datasheet HTML 7Page - Texas Instruments TPS546C23RVFT Datasheet HTML 8Page - Texas Instruments TPS546C23RVFT Datasheet HTML 9Page - Texas Instruments TPS546C23RVFT Datasheet HTML 10Page - Texas Instruments TPS546C23RVFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
7
TPS546C23
www.ti.com
SLUSCC7A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: TPS546C23
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VPVIN = VAVIN= 12 V, RRT = 40.2 kΩ; zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
The setting of TON_RISE of 0 ms means the unit to bring its output voltage to the programmed regulation value as quickly as possible,
which results in an effective TON_RISE time of 1 ms (fastest time supported).
(4)
The setting of TON_MAX_FAULT_LIMIT of 0 means disabling TON_MAX_FAULT response and reporting completely.
(5)
The setting of TOFF_FALL of 0 ms means the unit to bring its output voltage down to 0 as quickly as possible, which results in an
effective TOFF_FALL time of 1 ms (fastest time supported).
TMdelay(sync)
Delay from the rising edge of SYNC
input to the SW rising edge of the loop
master device
515
ns
TS delay(sync)
Delay from the falling edge of SYNC
input to the SW rising edge of the loop
slave device
515
ns
fSYNC
Synchronization frequency
160
1200
kHz
ΔfSYNC
SYNC pin frequency range from free
running frequency(1)
–20%
20%
RESET
VIH(reset)
High-level input voltage(1)
1.35
V
VIL(reset)
Low-level input voltage
0.8
Tpw(reset)
Minimum RESET_B pulse width
200
ns
BP6 REGULATOR
VBP6
Regulator output voltage
IBP6 = 10 mA
5.85
6.4
6.95
V
VBP6(do)
Regulator dropout voltage
VAVIN – VBP6, VAVIN = 4.5 V, IBP6 = 25 mA
100
200
400
mV
IBP6SC
Regulator short-circuit current(1)
VAVIN = 12 V
150
mA
VBP6UV
Regulator UVLO voltage(1)
3.73
V
VBP6UV(hyst)
Regulator UVLO voltage hysteresis(1)
270
mV
BOOTSTRAP
VBOOT(drop)
Bootstrap voltage drop
IBOOT = 5 mA
150
mV
BP3 REGULATOR
VBP3
3-V regulator output voltage
VAVIN ≥ 4.5 V, IBP3 = 5 mA
3
3.2
3.4
V
IBP3SC
3-V regulator short-circuit current(1)
18
35
mA
PWM
TON(min)
Minimum controllable pulse width(1)
100
ns
TOFF(min)
Minimum off-time(1)
515
550
ns
SOFT START
TON_RISE
Soft-start time
Factory default setting
3
ms
Programmable range, 16 discrete settings(1) (3)
0
100
Accuracy, TON_RISE = 3 ms, VOUT_COMMAND =
0.95 V
–10%
10%
TON_MAX_FAU
LT_LIMIT
Upper limit on the time to power up the
output
Factory default setting(4)
0
ms
Programmable range, 16 discrete settings(1) (4)
0
100
Accuracy(1)
–10%
10%
TON_DELAY
Turn-on delay
Factory default setting
0
ms
Programmable range, 16 discrete settings(1)
0
100
Accuracy(1)
–10%
10%
SOFT STOP
TOFF_FALL
Soft-stop time
Factory default setting(5)
0
ms
Programmable range, 16 discrete settings(1) (5)
0
100
Accuracy, TOFF_FALL = 1 ms, VOUT_COMMAND =
0.95V
–10%
10%
TOFF_DELAY
Turn-off delay
Factory default setting
0
ms
Programmable range, 16 discrete settings(1)
0
100
Accuracy(1)
–10%
10%
REMOTE SENSE AMPLIFIER


Similar Part No. - TPS546C23RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C20ARVFR TI1-TPS546C20ARVFR Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C20ARVFT TI1-TPS546C20ARVFT Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
More results

Similar Description - TPS546C23RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPSM8S6C24 TI1-TPSM8S6C24 Datasheet
3Mb / 175P
[Old version datasheet]   TPSM8S6C24, 2.95-V to 16-V, Single 35-A, Synchronous, Buck Power Module, Up to 4 × Stackable, With PMBus® and Extended Write Protection
AUGUST 2023
TPS546D24 TI1-TPS546D24 Datasheet
238Kb / 9P
[Old version datasheet]   2.95-V to 16-V, 40-A, up to 4횞 Stackable, PMBus Buck Converter
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com