Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS544C25RVFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS544C25RVFT
Description  4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544C25RVFT Datasheet(HTML) 4 Page - Texas Instruments

  TPS544C25RVFT Datasheet HTML 1Page - Texas Instruments TPS544C25RVFT Datasheet HTML 2Page - Texas Instruments TPS544C25RVFT Datasheet HTML 3Page - Texas Instruments TPS544C25RVFT Datasheet HTML 4Page - Texas Instruments TPS544C25RVFT Datasheet HTML 5Page - Texas Instruments TPS544C25RVFT Datasheet HTML 6Page - Texas Instruments TPS544C25RVFT Datasheet HTML 7Page - Texas Instruments TPS544C25RVFT Datasheet HTML 8Page - Texas Instruments TPS544C25RVFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
4
TPS544C25, TPS544B25
SLUSC81 – MAY 2015
www.ti.com
Product Folder Links: TPS544C25 TPS544B25
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Pin Functions (continued)
NAME
NO.
DESCRIPTION
DATA
4
PMBus DATA pin. See Supported PMBus Commands section.
DIFFO
33
Output of the differential remote sense amplifier.
FB
34
Feedback pin for the control loop. Negative input of the error amplifier.
GND
13
Power stage ground return.
14
15
16
17
18
19
20
PGND
26
Power ground return for controller device. Connect to GND at the thermal tab.
PGOOD
36
Power good output. Open drain output that floats up when the device is operating and in regulation. Any
fault condition causes this pin to pull low. Please refer to Table 7 for the possible sources to pull down
PGOOD pin.
RT
40
Frequency-setting resistor. Connect a resistor from this pin to AGND to program the switching frequency.
Do not leave this pin floating.
SMBALERT
6
SMBus alert pin. See SMBus specification.
SW
8
Switched power output of the device. Connect the output averaging filter and bootstrap capacitor to this
group of pins.
9
10
11
12
SYNC/RESET_B
39
For switching frequency synchronization or output voltage reset. The SYNC function allows synchronizing
the oscillator to an external source that is either slower of faster than the nominal free running oscillator
frequency. To use the SYNC function, VSET pin should be pulled up to BP3 or set the FORCE_SYNC bit
in register MISC_CONFIG_OPTIONS (MFR_SPECIFIC_32) (F0h) if VSET function is used; if
synchronization is not required, pull the SYNC pin to BP3. If the VSET pin is connected to AGND through a
valid resistor to configure default output voltage, SYNC/RESET_B is configured as RESET_B function
when FORCE_SYNC is not set. Then the logic low on the SYNC/RESET_B pin restores the output voltage
to default value set by VSET without power cycling. When SYNC/RESET_B is configured as RESET_B
function, there is an internal 200kΩ pull-up resistor to BP3.
TSNS/SS
37
External temperature sense signal input or alternatively used to set default soft-start time by connecting a
resistor from this pin to AGND. Do not leave this pin floating. Disable TSNS by pulling TSNS to AGND and
unsetting SS_DET_DIS in OPTIONS (MFR_SPECIFIC_21) (E5h) in applications where neither is needed.
VDD
29
Input power to the controller. Connect a low impedance bypass with a minimum of 1 µF to AGND. The
VDD voltage is also used for input feed-forward. VIN and VDD must be the same potential for accurate
short circuit protection.
VIN
21
Input power to the power stage. Low impedance bypassing of these pins to GND is critical.
22
23
24
25
VOUTS+
31
Load voltage sensing, positive side. This sensing provides remote sensing for the PMBus interface
reporting and the voltage control loop.
VOUTS–
32
Load voltage sensing, negative or common side. This sensing provides remote sensing for the PMBus
interface reporting and the voltage control loop.
VSET
30
Optionally configures default output voltage setting by connecting a resistor from this pin to AGND. See Set
Default Output Voltage by VSET for details. If VSET is not used, pull this pin up to BP3. Do not leave this
pin floating.
Thermal tab
Package thermal tab. Connect to GND. The thermal tab must have adequate solder coverage for proper
operation.


Similar Part No. - TPS544C25RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544C20 TI-TPS544C20 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C20 TI1-TPS544C20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFT TI1-TPS544C20RVFT Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Similar Description - TPS544C25RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com