Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP0209A Datasheet(PDF) 1 Page - E-SWITCH

Part # XP0209A
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XP0209A Datasheet(HTML) 1 Page - E-SWITCH

  XP0209A Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1105JAF250Q1RBLK
9/20/2006
XP0209A
D
TN
1
1
PCB MOUNTING
3
4
2
1
1
2
3
4
7.10
[.280 in]
6.00
[.236 in]
SQ.
4.00
[.157 in]
2.50
[.098 in]
2.50
[.098 in]
1.00
[.039 in]
.30
[.012 in]
4.50
[.177 in]
7.00
[.276 in]
8.40
[.331 in]
.70
[.028 in]
.40
[.016 in]
2.02
[.079 in]
4.50
[.177 in]
n1.00
[.039 in]
7.00
[.276 in]
4.50
[.177 in]
2.50
[.098 in]
NOTES:
1. ALL DIMENSIONS IN mm [INCH].
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 50mA @ 12VDC
5. OPERATING FORCE: 250±50 gms
6. TRAVEL: 0.25+0.20/-0.10 mm
7. CONTACT RESISTANCE: 100 MILLI-OHMS MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE: 100,000 CYCLES MIN.
9. CONTACTS: SILVER
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
B
16475
Q800300 WAS A800300
9/20/06
TN
n1.30
[.051 in]
.30
[.012 in]
TL1105JAF250Q
(P010217)
12.45
[.490 in]
1RBLK
(Q800300)
7.00
[.276 in]
4.00
[.157 in]
5.08
[.200 in]
DIA.
C
18616
12.45 WAS 12.09
8/11/09
rc
C
1
2
CIRCUIT DIAGRAM: SPST
D
20600
ADDED TERMINAL NUMBERS
05/10/12
drg


Similar Part No. - XP0209A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XP0214A E-SWITCH-XP0214A Datasheet
27Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XP0217P E-SWITCH-XP0217P Datasheet
82Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XP0221A E-SWITCH-XP0221A Datasheet
46Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XP0222A E-SWITCH-XP0222A Datasheet
30Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XP0228A E-SWITCH-XP0228A Datasheet
50Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XP0209A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com