Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH6039KN Datasheet(PDF) 1 Page - Rohm

Part # BH6039KN
Description  Power management IC for cellular phones
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6039KN Datasheet(HTML) 1 Page - Rohm

  BH6039KN Datasheet HTML 1Page - Rohm BH6039KN Datasheet HTML 2Page - Rohm BH6039KN Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power management IC for cellular phones
BH6039KN
Description
Dimension (Units : mm)
Features
Applications
01W087A
June, 2001
Absolute Maximum Ratings (Ta=25˚C)
Recommended Operating Conditions (Ta=25˚C)
∗Derating : 5.0mW/˚C for operation above Ta=25˚C
QFN48U
7.0
± 0.1
7.2
± 0.1
0.4
0.18
± 0.05
0.05
12˚
12˚
0.6
1.4
± 0.1
+0.1
-0.3
0.05 M
12
1
13
24
48
37
25
36
Power supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vcc
Pd
Topr
Tstg
7.0
500
+75
+125
–30
–55
~
~
mW
˚C
˚C
V
Battery voltage
VBAT
3.60
3.20
4.50
V
Adapter voltage
Vadp
5.50
4.60
5.90
V
Parameter
Min.
Max.
Unit
Typ.
Symbol
Cellular phones, Overseas cellular phones, PHS
1) Built-in 5-channel CMOS type regulator
2) Built-in 4-channel detector circuit can vary delay time
by external capacitor.
3) Built-in each driver for vibrator, LED, back light
4) Built-in charge control circuit for charging lithium battery
in the set.
5) Small QFN48U package
BH6039KN is a compound power management IC
incorporating regulator, detector, charge control circuit
for charging lithium battery, and each driver for vibrator,
LED, back light. The lithium battery charging circuit
incorporates each monitor circuit such as the micro-
controller charging current circuit.


Similar Part No. - BH6039KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
   Power Management for Cellular Phone
More results

Similar Description - BH6039KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
   Cellular Phones
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
   Cellular phones
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com