Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH6039KN Datasheet(PDF) 2 Page - Rohm

Part # BH6039KN
Description  Power management IC for cellular phones
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6039KN Datasheet(HTML) 2 Page - Rohm

  BH6039KN Datasheet HTML 1Page - Rohm BH6039KN Datasheet HTML 2Page - Rohm BH6039KN Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Circuit current 1
Circuit current
IQ1
4.15
2.79
1.79
50
60
2.55
1.61
0.9C
38
80
4.20
2.85
1.85
60
76
2.60
1.65
1C
54
170
4.24
2.91
1.91
92
2.65
1.69
1.1C
µA
µA
V
V
V
dB
µA
V
V
IQ4
VCHG
Vo1,3,5
Vo2,4
RR1~5
ISETR
VDET1,3
VDET2,4
ICHG
Circuit current 4
REG1,3,5 output voltage
REG block
REG2,4 output voltage
REG ripple rejection rate
DET1,3 detection voltage
DET block
DET2,4 detection voltage
Charge control voltage
CHG block
Rapidity charge current
SETR current
REG1,2=ON (Power off mode)
REG1~5=ON, BACK UP=ON, (Full On1)
Ta=–10
~60˚C, charge current 60mA
Io=50,120, 80mA (REG1,3,5 order)
Io=30, 50mA (REG2,4 order)
VR=–20dBV, fR=120Hz, BW=20~20kHz,
Io=50,30,120,50,80mA (REG1~5 order)
1C=500mA
Electrical characteristics (Unless otherwise noted: Ta=25˚C, VBAT=3.6V, VADP=5.5V)
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
Block Diagram
GND_C
TEMP
REF
NFB
VADP
CHGERR
CURMONI
TMPMONI
GND_LE
MOS
REG
DET
MOS
REG
MOS
REG
CELL
DET
POWER
ON
RESET
CHARGER
CONTROL
TEMP
DET
CURRENT
DET
MOS
REG
1.64kHz
OSC
TSD
VREF
VOLTAGE
DET
CPU I/F
MOSREG
REG5ON
VREF
GND_M
POWEROK
CPUCS
CPUDI
CPUCLK
BATMONI
REG5
VBAT2
TOUT
NC
VIBCNT
BGR
VIBON
DET12OUT
REG1OUT
ADPDET
REG1OUT
GND_LE
SETR2
SETR1
D/A
VIB
VOLTAGE
DET
VIBCONT
REG1OUT
MONION
TR3ON
MONION
1326k
260k
MONION
100k
100k
32k
32k
PRECHARGE
CURRENT
DET
BAT1
BAT2
CURH
DET
DET
DET
VBAT2
36k
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12


Similar Part No. - BH6039KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
   Power Management for Cellular Phone
More results

Similar Description - BH6039KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
   Cellular Phones
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
   Cellular phones
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com