Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51513RHBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51513RHBR
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51513RHBR Datasheet(HTML) 2 Page - Texas Instruments

  TPS51513RHBR Datasheet HTML 1Page - Texas Instruments TPS51513RHBR Datasheet HTML 2Page - Texas Instruments TPS51513RHBR Datasheet HTML 3Page - Texas Instruments TPS51513RHBR Datasheet HTML 4Page - Texas Instruments TPS51513RHBR Datasheet HTML 5Page - Texas Instruments TPS51513RHBR Datasheet HTML 6Page - Texas Instruments TPS51513RHBR Datasheet HTML 7Page - Texas Instruments TPS51513RHBR Datasheet HTML 8Page - Texas Instruments TPS51513RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TPS51513
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
VBST
–0.3 V to 36 V
VBST to LL
–0.3 V to 6 V
Input voltage range(2)
CSP, CSN, EN, IMON2, ISLEW, OSRSEL, REF, SLP,
–0.3 V to 6 V
TONSEL, TRIPSEL, V5IN, V5FILT, VID0, VID1, VID2, VSNS
LL
–5.0 V to 30 V
DRVH
–5.0 V to 36 V
Output voltage range(2)
DRVH to LL
–0.3 V to 6 V
DROOP, DRVL, IMON, IMON2 IMONC, PG, PGOOD, VREF
–0.3 V to 6 V
GSNS, PGND
–0.3 V to 0.3 V
Operating junction temperature, TJ
–40°C to +150°C
Storage temperature, Tstg:
–55°C to +150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
DISSIPATION RATING TABLE (2 OZ. TRACE AND COPPER PAD WITH SOLDER)
TA< 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
32 pin RHB
2.94 W
29.4 mW / °C
1.17 W
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Conversion voltage (no pin assigned)
3.0
28
Supply voltages
V
V5IN, V5FILT
4.5
5.5
VBST
–0.1
34
Voltage range, conversion pins
DRVH
–0.8
34
V
LL
–0.8
28
Voltage range, 5-V pins
DRVL, OSRSEL, TONSEL, TRIPSEL
–0.1
5.5
V
Voltage range, 3.3-V pins
EN, IMON, IMONC, PG, PGOOD, SLP, VID0, VID1, VID2
–0.1
3.6
V
Voltage range, low-voltage pins
CSN, CSP, DROOP, IMON2, ISLEW, REF, VREF, VSNS
–0.1
2.0
V
Ground pins
GSNS, PGND
–0.1
0.1
V
Operating free-air temperature, TA
–10
100
°C
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS51513


Similar Part No. - TPS51513RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51513RHB TI-TPS51513RHB Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
More results

Similar Description - TPS51513RHBR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
UCD9111 TI-UCD9111 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Texas Instruments
TPS51513 TI-TPS51513_15 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP??SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE??APPLICATIONS
TPS51513 TI-TPS51513 Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com