Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER304 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # ER304
Description  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

ER304 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  ER304 Datasheet HTML 1Page - Diode Semiconductor Korea ER304 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.6 -- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE.
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
ER301---ER306
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 10 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
trr
-1.0A
-0.25A
0
+0.5A
1cm
0 .1
1 .0
10
1000
20
40
100
0 .01
60
80
0
100
T J = 100
120 140
T J =7 5
T J =2 5
10
N 1.
1
NONIN-
DUCTIVE
50
N 1.
(+)
25VDC
(approx)
(-)
D.U.T.
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE 1)
8.3msSingleHalf
Sine-Wave
50
75
100
125
175
150
1
2
5
10
20
50
100
25
TJ=25
f=1.0MHz
10
20
40
60
100
200
400
600
1000
0.1 0.2 0.4
1
2
4
10
40
100
20
1.5
3.0
0
25
50
75
100 125 150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead length
0
175
0.5
1.0
2.0
2.5
1.0
2.0
3.0
4.0
0
0.4
0.8
1.2 1.6
2.0
2.4
TJ=25
Pulse Width=300
µs
ER306
ER301 - ER302
ER303 -
ER304
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - ER304

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER304 PANJIT-ER304 Datasheet
66Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Continental Device Indi...
ER304 CDIL-ER304 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
logo
Transys Electronics
ER304 TRSYS-ER304 Datasheet
143Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
ER304 SUNMATE-ER304 Datasheet
264Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier
logo
Micro Commercial Compon...
ER304 MCC-ER304 Datasheet
86Kb / 2P
   3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - ER304

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com