Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51220A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51220A
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51220A Datasheet(HTML) 4 Page - Texas Instruments

  TPS51220A Datasheet HTML 1Page - Texas Instruments TPS51220A Datasheet HTML 2Page - Texas Instruments TPS51220A Datasheet HTML 3Page - Texas Instruments TPS51220A Datasheet HTML 4Page - Texas Instruments TPS51220A Datasheet HTML 5Page - Texas Instruments TPS51220A Datasheet HTML 6Page - Texas Instruments TPS51220A Datasheet HTML 7Page - Texas Instruments TPS51220A Datasheet HTML 8Page - Texas Instruments TPS51220A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
TPS51220A
SLUS897E – DECEMBER 2008 – REVISED JANUARY 2013
www.ti.com
ORDERING INFORMATION
ORDERABLE
TA
PACKAGE(1)
PINS
DEVICE
TRANSPORT MEDIA
QUANTITY
ECO PLAN
NUMBER
TPS51220ARTVT
250
TPS51220ARTVR
3000
Plastic Quad
Green (RoHS
-40°C to 85°C
32
Tape and Reel
Flat Pack (QFN)
and no Sb/Br)
TPS51220ARSNT
250
TPS51220ARSNR
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VEN = 3.3 V, VVIN = 12 V, VV5SW = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN shutdown current, TA = 25°C,
IVINSDN
VIN shutdown current
7
15
μA
No Load, EN = 0V, V5SW = 0 V
VIN standby current, TA = 25°C, No Load,
IVINSTBY
VIN Standby Current
80
120
μA
EN1 = EN2 = V5SW = 0 V
Vbat standby current, TA = 25°C, No Load
IVBATSTBY
VBAT Standby Current
500
μA
SKIPSEL2 = 2V, EN2 = open, EN1 = V5SW = 0V(1)
TRIP = 5 V
0.8
mA
V5SW current, TA = 25°C, No Load,
IV5SW
V5SW Supply Current
ENx = 5V, VFBx = 1.05 V
TRIP = 0 V
0.9
mA
VREF2 OUTPUT
I(VREF2) < ±10 μA, TA = 25°C
1.98
2.00
2.02
VVREF2
VREF2 Output Voltage
V
I(VREF2) < ±100 μA, 4.5V < VIN < 32 V
1.97
2.00
2.03
VREG3 OUTPUT
V5SW = 0 V, I(VREG3) = 0 mA, TA = 25°C
3.279
3.313
3.347
VVREG3
VREG3 Output Voltage
V
V5SW = 0 V, 0 mA < I(VREG3) < 10 mA,
3.135
3.300
3.400
5.5 V < VIN < 32 V
IVREG3
VREG3 Output Current
VREG3 = 3 V
10
15
20
mA
VREG5 OUTPUT
V5SW = 0 V, I(VREG5) = 0 mA, TA = 25°C
4.99
5.04
5.09
V
V5SW = 0 V, 0 mA < I(VREG5) < 100 mA,
4.90
5.03
5.15
VVREG5
VREG5 Output Voltage
6 V < VIN < 32 V
V5SW = 0 V, 0 mA < I(VREG5) < 100 mA,
4.50
5.03
5.15
V
5.5 V < VIN < 32 V
V5SW = 0 V, VREG5 = 4.5 V
100
150
200
IVREG5
VREG5 Output Current
mA
V5SW = 5 V, VREG5 = 4.5 V
200
300
400
Turning on
4.55
4.7
4.8
VTHV5SW
Switchover Threshold
V
Hysteresis
0.15
0.20
0.25
tdV5SW
Switchover Delay
Turning on
7.7
ms
RV5SW
5V SW On-Ressitance
I(VREG5) = 100 mA
0.5
OUTPUT
TA = 25°C, No Load
0.9925
1.000
1.0075
VVFB
VFB Regulation Voltage Tolerance
V
TA = –40°C to 85°C , No Load
0.990
1.000
1.010
IVFB
VFB Input Current
VFBx = 1.05 V, COMPx = 1.8 V, TA = 25°C
–50
50
nA
RDISCHG
CSNx Discharge Resistance
ENx = 0 V, CSNx = 0.5 V, TA = 25°C
20
40
(1)
Specified by design. Detail external condition follows application circuit of Figure 57.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links :TPS51220A


Similar Part No. - TPS51220A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220ARTVR TI-TPS51220ARTVR Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220ARTVT TI-TPS51220ARTVT Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51220A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com