Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53624RHAT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53624RHAT
Description  Dual Phase, D-CAP, Eco-mode Step-Down Controller with 8-Bit DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53624RHAT Datasheet(HTML) 2 Page - Texas Instruments

  TPS53624RHAT Datasheet HTML 1Page - Texas Instruments TPS53624RHAT Datasheet HTML 2Page - Texas Instruments TPS53624RHAT Datasheet HTML 3Page - Texas Instruments TPS53624RHAT Datasheet HTML 4Page - Texas Instruments TPS53624RHAT Datasheet HTML 5Page - Texas Instruments TPS53624RHAT Datasheet HTML 6Page - Texas Instruments TPS53624RHAT Datasheet HTML 7Page - Texas Instruments TPS53624RHAT Datasheet HTML 8Page - Texas Instruments TPS53624RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
TPS53624
SLUSB66 – MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted, all voltages are with respect to GND.)
(1)
VALUE
UNIT
MIN
MAX
VBST1, VBST2
–0.3
36
VBST1to LL1. VBST2 to LL2
–0.3
6
Input voltage range(2)
V
CSP1, CSN1, CSP2, CSN2, MODE, OSRSEL, PCNT, SLEW,
THRM, TRIPSEL, TONSEL, V5FILT, V5IN, VID0, VID1, VID2,
–0.3
6
VID3, VID4, VID5, VID6, VID7, VFB, EN, THAL
LL1, LL2
–5
30
DRVH1, DRVH2
–5
36
Output voltage range(2)
DRVH1, DRVH2 to LL1 or LL2
–0.3
6
V
VREF, DROOP, DRVL1, DRVL2, IMON, PG, PGD
–0.3
6
PGND, GFB
–0.3
0.3
Operating junction temperature, TJ
–40
125
°C
Storage junction temperature, Tstg
–55
150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
THERMAL INFORMATION
THERMAL METRIC(1)
RHA (40 PIN)
UNITS
θJA
Junction-to-ambient thermal resistance
32
θJB
Junction-to-board thermal resistance
10
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
3.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range, all voltages wrt GND (unless otherwise noted)
MIN
TYP
MAX
UNIT
Conversion voltage (no pin assigned)
3
28
Supply voltages
V
V5IN, V5FILT
4.5
5.5
VBST1, VBST2
–0.1
34
Voltage range, conversion
DRVH1, DRVH2
–0.8
34
V
pins
LL1, LL2
–0.8
28
CSN1, CSN2, CSP1, CSP2, DROOP, DRVL1, DRVL2, IMON,
Voltage range, 5-V pins
MODE, OSRSEL PG, PGD, SLEW, THRM, TONSEL, TRIPSEL,
–0.1
5.5
V
VREF, VFB
Voltage range, 3.3-V pins
EN
–0.1
3.6
V
Voltage range, VCCP I/O
PCNT, VID0, VID1, VID2, VID3, VID4, VID5, VID6, VID7, THAL
–0.1
1.3
V
pins
Ground pins
PGND, GFB
–0.1
0.1
Human body model (HBM)
2
Electrostatic Discharge
kV
Protection (ESD)
Charged device model (CDM)
1.5
Operating free air temperature, TA
–10
105
°C
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS53624


Similar Part No. - TPS53624RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53624 TI-TPS53624_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Phase, D-CAP?? Eco-mode??Step-Down Controller with 8-Bit DAC
More results

Similar Description - TPS53624RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53624 TI-TPS53624_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Phase, D-CAP?? Eco-mode??Step-Down Controller with 8-Bit DAC
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
Silicon Standard Corp.
SS6568 SSC-SS6568 Datasheet
470Kb / 7P
   4-bit DAC, Step-Down PWM Power Controller
logo
Linear Technology
LTC3828 LINER-LTC3828 Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
Linear Technology
LTC3828 LINER-LTC3828_15 Datasheet
384Kb / 32P
   Dual, 2-Phase Step-Down Controller with Tracking
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
   4-Phase PWM Controller with 8-Bit DAC Code
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com