Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT8231 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-21-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Conventional BIOS ROM / ISA Bus Interface
Signal Name
Pin #
I/O
Signal Description
LA21 / USBOC3# / GPO21
LA20 / USBOC2# / GPO20
Y13
W13
O
System Address Bus. Allows access to physical memory
devices (e.g., BIOS ROMs) up to 4 Mbytes.
SA[19:18],
SA17 / strap,
SA16 / strap,
SA[15:0] / SDD[15:0]
V13, U13,
T13,
Y14,
W18, V17, Y17, W16,
V15, Y15, W14, T15,
U15, U16, V14, W15,
Y16, V16, W17, Y18
IO
System Address Bus.
These address lines are used to
interface to BIOS ROMs but may also be used to
implement a subset of the ISA bus if required. SA[19-16]
are connected to ISA bus SA[19-16] directly. SA[19-17]
are also connected to LA[19-17] of the ISA bus.
SD15 / LGNT2# / GPO11,
SD14 / LREQ2# / GPI13,
SD13 / LGNT1# / GPO10,
SD12 / LREQ1# / GPI12,
SD11 / HGNT2# / GPO9,
SD10 / HREQ2# / GPI11,
SD9 / HGNT1# / GPO8,
SD8 / HREQ1# / GPI10,
SD7,
SD6,
SD5,
SD4,
SD3,
SD2,
SD1,
SD0
V10
W10
Y10
U10
T10
V11
W11
Y11
T11
R11
U11
U12
Y12
W12
V12
R12
IO / O / O
IO / I / I
IO / O / O
IO / I / I
IO / O / O
IO / I / I
IO / O / O
IO / I / I
IO
IO
IO
IO
IO
IO
IO
IO
System Data. SD[15:0] provide the data path for BIOS
ROMs and for devices residing on the ISA bus. SD0-7
also output general purpose output information when
GPOWE# is active.
IOR# / GPO22
U7
IO
I/O Read.
IOR# is the command to an ISA I/O slave
device that the slave may drive data on to the ISA data bus.
IOW# / GPO23
T7
IO
I/O Write. IOW# is the command to an ISA I/O slave
device that the slave may latch data from the ISA data bus.
MEMR#
W9
IO
Memory Read. MEMR# is the command to a memory
slave that it may drive data onto the ISA data bus.
MEMW#
Y9
IO
Memory Write. MEMW# is the command to a memory
slave that it may latch data from the ISA data bus.
IRQ1 / MSCK
N2
I / IO
Interrupt 1 (optional external Keyboard Controller).
IRQ8# / GPI1
V3
I / I
Interrupt 8 (optional external RTC).
IRQ12 / MSDT
N4
I / IO
Interrupt 12 (optional external PS2 Mouse Controller).
IRQ14
T14
I
Interrupt 14 (IDE Primary Channel).
IRQ15
U14
I
Interrupt 15 (IDE Secondary Channel).
SPKR
U9
O
Speaker Drive. Output of internal timer/counter 2.
Serial IRQ
Signal Name
Pin #
I/O
Signal Description
SERIRQ
V9
I
Serial IRQ (Rx68[3] = 1 and Rx74[6] = 0)


Similar Part No. - VT8231

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
VT8235 VIA-VT8235 Datasheet
1Mb / 145P
   V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
Revision 1.22 October 24, 2002
More results

Similar Description - VT8231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
   Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
   Geode??CS5530 I/O Companion Multi-Function South Bridge
CS5535 NSC-CS5535 Datasheet
3Mb / 555P
   Geode??CS5535 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
   Geode CS5530A I/O Companion Multi-Function South Bridge
logo
CUI INC
SMI-SA-1 CUI-SMI-SA-1 Datasheet
218Kb / 2P
   SOUTH AFRICA BLADE
12/21/2015
logo
List of Unclassifed Man...
MF604F ETC1-MF604F Datasheet
132Kb / 12P
   Micro filter for South Africa
logo
SMSC Corporation
SLC90E66 SMSC-SLC90E66 Datasheet
1Mb / 257P
   Victory66 Enhanced PCI South Bridge with Ultra ATA/66 IDE Controller
logo
PowerDynamics, Inc
PD-16X POWERDYNAMICS-PD-16X Datasheet
32Kb / 1P
   SOUTH AMERICAN RECEPTACLE 10A/15A 250VAC
logo
List of Unclassifed Man...
2131H10C3 ETC2-2131H10C3 Datasheet
56Kb / 2P
   CORDSET -SOUTH AFRICA POWER SUPPLY CORD
2163H10C3 ETC2-2163H10C3 Datasheet
370Kb / 2P
   CORDSET - SOUTH AFRICAN DETACHABLE POWER SUPPLY CORD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com