Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53310 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS53310
Description  3-A Step-Down Regulator with Integrated Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53310 Datasheet(HTML) 4 Page - Texas Instruments

  TPS53310_16 Datasheet HTML 1Page - Texas Instruments TPS53310_16 Datasheet HTML 2Page - Texas Instruments TPS53310_16 Datasheet HTML 3Page - Texas Instruments TPS53310_16 Datasheet HTML 4Page - Texas Instruments TPS53310_16 Datasheet HTML 5Page - Texas Instruments TPS53310_16 Datasheet HTML 6Page - Texas Instruments TPS53310_16 Datasheet HTML 7Page - Texas Instruments TPS53310_16 Datasheet HTML 8Page - Texas Instruments TPS53310_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS53310
SLUSA68 – DECEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range, VIN = 3.3 V, VVDD = 3.3 V, PGND = GND (Unless otherwise noted).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY: VOLTAGE, CURRENTS, and UVLO
VIN
VIN supply voltage
Nominal input voltage range
2.9
6.0
V
IVINSDN
VIN shutdown current
EN = 'LO'
3
µA
VUVLO
VIN UVLO threshold
Ramp up; EN = 'HI'
2.8
V
VUVLOHYS
VIN UVLO hysteresis
VIN UVLO Hysteresis
130
mV
VDD
Internal circuitry supply voltage
Nominal 3.3-V input voltage range
2.9
3.3
3.5
V
IDDSDN
VDD shut down current
EN = 'LO'
5
µA
IDD
Standby current
EN = 'HI', no switching
2.2
3.5
mA
VDDUVLO
3.3V UVLO threshold
Ramp up; EN =’HI’
2.8
V
VDDUVLOHYS
3.3V UVLO hysteresis
75
mV
VOLTAGE FEEDBACK LOOP: VREF AND ERROR AMPLIFIER
VVREF
VREF
Internal precision reference voltage
0.6
V
0°C
≤ TA ≤ 85°C
–1%
1%
TOLVREF
VREF Tolerance
–40°C
≤ TA ≤ 85°C
–1.25%
1.25%
UGBW(1)
Unity gain bandwidth
14
MHz
AOL
(1)
Open loop gain
80
dB
IFBINT
FB input leakage current
Sourced from FB pin
30
nA
Output sinking and sourcing
IEAMAX
(1)
CCOMP = 20 pF
5
mA
current
SR(1)
Slew rate
5
V/µs
OCP: OVERCURRENT AND ZERO CROSSING
When IOUT exceeds this threshold for 4
IOCPL
Overcurrent limit on upper FET
consecutive cycles. VIN=3.3 V,
4.2
4.5
4.8
A
VOUT=1.5 V with 1-µH inductor, TA = 25°C
Immediately shut down when sensed current
One time overcurrent latch off
IOCPH
reach this value. VIN=3.3 V,
4.8
5.1
5.5
A
on the lower FET
VOUT=1.5 V with 1-µH inductor, TA = 25°C
Zero crossing comparator
VZXOFF
(1)
PGND – SW, SKIP mode
–4.5
–3.0
–1.5
mV
internal offset
tHICCUP
Hiccup time interval
12.5
14.5
16.5
ms
PROTECTION: OVP, UVP, PGD, AND INTERNAL THERMAL SHUTDOWN
Overvoltage protection
VOVP
Measured at FB wrt. VREF
114%
117%
120%
threshold voltage
Undervoltage protection
VUVP
Measured at FB wrt. VREF
80%
83%
86%
threshold voltage
VPGDL
PGD low threshold
Measured at FB wrt. VREF
80%
83%
86%
VPGDU
PGD upper threshold
Measured at FB wrt. VREF.
114%
117%
120%
Minimum Vin voltage for valid
Measured at VIN with 1-mA (or 2-mA) sink
VINMINPG
1
V
PGD at start up.
current on PGD pin at start up
THSD(1)
Thermal shutdown
Latch off controller, attempt soft-stop
130
140
150
°C
THSDHYS
(1)
Thermal Shutdown hysteresis
Controller restarts after temperature has dropped
40
°C
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53310


Similar Part No. - TPS53310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com