Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51220RHBTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS51220RHBTG4
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51220RHBTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51220RHBTG4 Datasheet HTML 3Page - Texas Instruments TPS51220RHBTG4 Datasheet HTML 4Page - Texas Instruments TPS51220RHBTG4 Datasheet HTML 5Page - Texas Instruments TPS51220RHBTG4 Datasheet HTML 6Page - Texas Instruments TPS51220RHBTG4 Datasheet HTML 7Page - Texas Instruments TPS51220RHBTG4 Datasheet HTML 8Page - Texas Instruments TPS51220RHBTG4 Datasheet HTML 9Page - Texas Instruments TPS51220RHBTG4 Datasheet HTML 10Page - Texas Instruments TPS51220RHBTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TPS51220
www.ti.com
SLVS785C – OCTOBER 2007 – REVISED JULY 2009
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, EN = 3.3V, VIN = 12V, V5SW = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVP, OVP AND UVLO
V(OVP)
OVP Trip Threshold
OVP detect
110%
115%
120%
t(OVPDLY)
OVP Prop Delay
1.5
μs
V(UVP)
UVP Trip Threshold
UVP detect
65%
70%
73%
t(UVPDLY)
UVP Delay
0.8
1
1.2
ms
Wake up
1.7
1.8
1.9
V
V(UVREF2)
VREF2 UVLO Threshold
Hysteresis
75
100
125
mV
Wake up
3
3.1
3.2
V(UVREG3)
VREG3 UVLO Threshold
V
Hysteresis
0.10
0.15
0.20
Wake up
4.1
4.2
4.3
V
V(UVREG5)
VREG5 UVLO Threshold
Hysteresis
0.35
0.40
0.44
V
INTERFACE AND LOGIC THRESHOLD
Wake up
0.8
1
1.2
V(EN)
EN Threshold
V
Hysteresis
0.1
0.2
0.3
Wake up
0.45
0.50
0.55
V(EN12)
EN1/EN2 Threshold
V
Hysteresis
0.1
0.2
0.3
EN1/EN2 SS Start
V(EN12SS)
SS-ramp start threshold at external soft start
1
V
Threshold
EN1/EN2 SS End
V(EN12SSEND)
SS-End threshold at external soft start (3)
2
V
Threshold
I(EN12)
EN1/EN2 Source Current
VEN1/EN2 = 0V
1.5
2
2.6
μA
Continuous
1.5
Auto Skip
1.9
2.1
SKIPSEL1/SKIPSEL2
V(SKIPSEL)
V
Setting Voltage
OOA Skip (min 1/8 Fsw)
3.2
3.4
OOA Skip (min 1/16 Fsw)
3.8
V(OCL-ULV), Discharge ON
1.5
V(OCL-ULV), Discharge OFF
1.9
2.1
V(TRIP)
TRIP Setting Voltage
V
V(OCL-LV), Discharge OFF
3.2
3.4
V(OCL-LV), Discharge ON
3.8
Current mode, OVP enable
1.5
D-CAP mode, OVP disable
1.9
2.1
V(FUNC)
FUNC Setting Voltage
V
D-CAP mode, OVP enable
3.2
3.4
Current mode, OVP disable
3.8
TRIP = 0 V
–1
1
I(TRIP)
TRIP Input Current
μA
TRIP =5 V
–1
1
SKIPSELx = 0 V
–0.5
0.5
I(SKIPSEL)
SKIPSEL Input Current
μA
SKIPSELx = 5 V
–0.5
0.5
BOOT STRAP SW
V(FBST)
Forward Voltage
VVREG5-VBST, IF = 10 mA, TA = 25°C
0.10
0.20
V
I(BSTLK)
VBST Leakage Current
VBST = 30 V, SW = 25 V
0.01
1.5
μA
THERMAL SHUTDOWN
Shutdown temperature(3)
150
T(SDN)
Thermal SDN Threshold
°C
Hysteresis(3)
10
(3)
Specified by design.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TPS51220


Similar Part No. - TPS51220RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220RHBT TI-TPS51220RHBT Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51220RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com