Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C032B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032B
Description  LVDS Quad CMOS Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90C032B Datasheet HTML 1Page - National Semiconductor (TI) DS90C032B Datasheet HTML 2Page - National Semiconductor (TI) DS90C032B Datasheet HTML 3Page - National Semiconductor (TI) DS90C032B Datasheet HTML 4Page - National Semiconductor (TI) DS90C032B Datasheet HTML 5Page - National Semiconductor (TI) DS90C032B Datasheet HTML 6Page - National Semiconductor (TI) DS90C032B Datasheet HTML 7Page - National Semiconductor (TI) DS90C032B Datasheet HTML 8Page - National Semiconductor (TI) DS90C032B Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Application
Applications Information
LVDS drivers and receivers are intended to be primarily used
in an uncomplicated point-to-point configuration as is shown
in
Figure 5. This configuration provides a clean signaling en-
vironment for the quick edge rates of the drivers. The re-
ceiver is connected to the driver through a balanced media
which may be a standard twisted pair cable, a parallel pair
cable, or simply PCB traces. Typically the characteristic im-
pedance of the media is in the range of 100
Ω. A termination
resistor of 100
Ω should be selected to match the media, and
is located as close to the receiver input pins as possible. The
termination resistor converts the current sourced by the
driver into a voltage that is detected by the receiver. Other
configurations are possible such as a multi-receiver configu-
ration, but the effects of a mid-stream connector(s), cable
stub(s), and other impedance discontinuities as well as
ground shifting, noise margin limits, and total termination
loading must be taken into account.
The DS90C032B differential line receiver is capable of de-
tecting signals as low as 100 mV, over a ±1V common-mode
range centered around +1.2V. This is related to the driver off-
set voltage which is typically +1.2V. The driven signal is cen-
tered around this voltage and may shift ±1V around this cen-
ter point. The ±1V shifting may be the result of a ground
potential difference between the driver’s ground reference
and the receiver’s ground reference, the common-mode ef-
fects of coupled noise, or a combination of the two. Both re-
ceiver input pins should honor their specified operating input
voltage range of 0V to +2.4V (measured from each pin to
ground), exceeding these limits may turn on the ESD protec-
tion circuitry which will clamp the bus voltages.
Receiver Fail-Safe:
The LVDS receiver is a high gain, high speed device that
amplifies a small differential signal (20mV) to CMOS logic
levels. Due to the high gain and tight threshold of the re-
ceiver, care should be taken to prevent noise from appearing
as a valid signal.
The receiver’s internal fail-safe circuitry is designed to
source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for
floating or terminated receiver inputs.
1.
Open Input Pins. The DS90C032B is a quad receiver
device, and if an application requires only 1, 2 or 3 re-
ceivers, the unused channel(s) inputs should be left
OPEN. Do not tie unused receiver inputs to ground or
any other voltages. The input is biased by internal high
value pull up and pull down resistors to set the output to
a HIGH state. This internal circuitry will guarantee a
HIGH, stable output state for open inputs.
2.
Terminated Input. If the driver is disconnected (cable
unplugged), or if the driver is in a TRI-STATE or
power-off condition, the receiver output will again be in a
HIGH state, even with the end of cable 100
Ω termination
resistor across the input pins. The unplugged cable can
become a floating antenna which can pick up noise. If
the cable picks up more than 10mV of differential noise,
the receiver may see the noise as a valid signal and
switch.
To
insure
that
any
noise
is
seen
as
common-mode and not differential, a balanced intercon-
nect should be used. Twisted pair cable will offer better
balance than flat ribbon cable.
The footprint of the DS90C032B is the same as the industry
standard 26LS32 Quad Differential (RS-422) Receiver.
For additional LVDS application information, please refer to
National’s LVDS Owner’s Manual available through Nation-
al’s website www.national.com/appinfo/lvds.
DS100990-7
FIGURE 5. Point-to-Point Application
www.national.com
5


Similar Part No. - DS90C032B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032B NSC-DS90C032B Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032BTM NSC-DS90C032BTM Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032BTM TI1-DS90C032BTM Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032BTM/NOPB TI1-DS90C032BTM/NOPB Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90C032B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032TMX TI-DS90C032TMX Datasheet
863Kb / 18P
[Old version datasheet]   DS90C032 LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML Datasheet
325Kb / 18P
[Old version datasheet]   DS90C032QML LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com