Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GH710 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # GH710
Description  GH Industrial HRC Fuse Links
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GH710 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  GH710_15 Datasheet HTML 1Page - Cooper Bussmann, Inc. GH710_15 Datasheet HTML 2Page - Cooper Bussmann, Inc. GH710_15 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 4108
Effective July 2015
Bussmann series
GH Industrial HRC Fuse Links
EATON www.eaton.com
Catalogue symbol:
GH(amps)
Technical data:
Rated voltage: 550 V a.c.
Rated current: 710 to 1250 A
Breaking capacity: 80 kA
Class of operation: gG
Size: D1
Standards/approvals:
BS88
IEC 60269
Suitable for use in RoHS compliant applications
Packaging:
MOQ 1
Table 1. Technical data
Part
number
Rated
voltage
Rated
current
(Amps)
Energy integrals I2t
(A2S)
Watts
loss
Product
class
Weight
(grams)
Pre-arcing
Total at
415V
W
GH710
550 V a.c.
710
3500
8100
53
gG
2630
GH800
550 V a.c.
800
5000
11500
64
gG
2630
GH1000
550 V a.c.
1000
6800
16000
69
gG
2630
GH1250
550 V a.c.
1250
14000
31000
85
gG
2630
Dimensions - mm
Catalogue numbers A
B
C
D
E
F
G
H
J
GH710-800
198
149
81
32
63.5
19
14
9.5
83
GH1000-1250
198
149
81
32
63.5
19
14
9.5
100


Similar Part No. - GH710_15

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GH710 COOPER-GH710 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
More results

Similar Description - GH710_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
EF355 COOPER-EF355_15 Datasheet
94Kb / 4P
   EF Industrial HRC fuse links
NITD6A COOPER-NITD6A Datasheet
22Kb / 1P
   Industrial HRC Fuse
RS20H COOPER-RS20H Datasheet
1Mb / 8P
   Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
logo
Eaton All Rights Reserv...
RS20H EATON-RS20H Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com