Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3813L30DBV Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3813L30DBV
Description  PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3813L30DBV Datasheet(HTML) 1 Page - Texas Instruments

  TPS3813L30DBV Datasheet HTML 1Page - Texas Instruments TPS3813L30DBV Datasheet HTML 2Page - Texas Instruments TPS3813L30DBV Datasheet HTML 3Page - Texas Instruments TPS3813L30DBV Datasheet HTML 4Page - Texas Instruments TPS3813L30DBV Datasheet HTML 5Page - Texas Instruments TPS3813L30DBV Datasheet HTML 6Page - Texas Instruments TPS3813L30DBV Datasheet HTML 7Page - Texas Instruments TPS3813L30DBV Datasheet HTML 8Page - Texas Instruments TPS3813L30DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPS3813J25, TPS3813L30, TPS3813K33, TPS3813I50
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
SLVS331A – DECEMBER 2000 – REVISED APRIL 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Window-Watchdog With Programmable
Delay and Window Ratio
D 6-Pin SOT-23 Package
D Supply Current of 9 µA (Typ)
D Power On Reset Generator With a Fixed
Delay Time of 25 ms
D Precision Supply Voltage Monitor 2.5 V, 3 V,
3.3 V, 5 V
D Open-Drain Reset Output
D Temperature Range ...–40°C to 85°C
typical applications
D Applications Using DSPs, Microcontrollers,
or Microprocessors
D Safety Critical Systems
D Automotive Systems
D Heating Systems
features
description
The TPS3813 family of supervisory circuits pro-
vides circuit initialization and timing supervision,
primarily for DSPs and processor-based systems.
During power on, RESET is asserted when supply
voltage (VDD) becomes higher than 1.1 V. There
after, the supervisory circuit monitors VDD and keeps RESET active as long as VDD remains below the threshold
voltage (VIT). An internal timer delays the return of the output to the inactive state (high) to ensure proper system
reset. The delay time, td = 25 ms typical, starts after VDD has risen above the threshold voltage (VIT). When the
supply voltage drops below the threshold voltage (VIT), the output becomes active (low) again. No external
components are required. All the devices of this family have a fixed-sense threshold voltage (VIT) set by an
internal voltage divider.
For safety critical applications the TPS3813 family incorporates a so-called window-watchdog with
programmable delay and window ratio. The upper limit of the watchdog time-out can be set by either connecting
WDT to GND, VDD, or using an external capacitor. The lower limit and thus the window ratio is set by connecting
WDR to GND or VDD. The supervised processor now needs to trigger the TPS3813 within this window not to
assert a RESET.
typical operating circuit
WDR
RESET
WDT
WDI
VDD
GND
CWP
VDD
R
RESET
I/O
GND
0.1
µF
VDD
TPS3813
uC
0.1
µF
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
6
(TOP VIEW)
1
WDI
GND
WDT
RESET
VDD
TPS3813
DBV PACKAGE
WDR
5
ACTUAL SIZE
3,00 mm x 3,00 mm


Similar Part No. - TPS3813L30DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813L30DBV TI-TPS3813L30DBV Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813L30DBVR TI-TPS3813L30DBVR Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813L30DBVR TI1-TPS3813L30DBVR Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813L30DBVRG4 TI-TPS3813L30DBVRG4 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813L30DBVRG4 TI1-TPS3813L30DBVRG4 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
More results

Similar Description - TPS3813L30DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com