Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5210 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5210
Description  PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5210 Datasheet HTML 5Page - Texas Instruments TPS5210 Datasheet HTML 6Page - Texas Instruments TPS5210 Datasheet HTML 7Page - Texas Instruments TPS5210 Datasheet HTML 8Page - Texas Instruments TPS5210 Datasheet HTML 9Page - Texas Instruments TPS5210 Datasheet HTML 10Page - Texas Instruments TPS5210 Datasheet HTML 11Page - Texas Instruments TPS5210 Datasheet HTML 12Page - Texas Instruments TPS5210 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TPS5210
PROGRAMMABLE SYNCHRONOUS BUCK REGULATOR CONTROLLER
SLVS171A − SEPTEMBER 1998 − REVISED MAY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 12 V, IDRV = 0 A (unless otherwise noted) (continued)
power good
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Undervoltage trip threshold
90
93
95
%VREF
VOL
Low-level output voltage
IO = 5 mA
0.5
0.75
V
IOH
High-level input current
VPWRGD = 6 V
1
µA
Vhys
Hysteresis voltage
1.3
2.9
4.5
%VREF
slowstart
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Charge current
VSLOWST = 0.5 V,
IVREFB = 65 µA
VVREFB = 1.3 V,
10.4
13
15.6
µA
Discharge current
VSLOWST = 1 V
3
mA
Comparator input offset voltage
10
mV
Comparator input bias current
See Note 3
10
100
nA
Comparator hysteresis
−7.5
7.5
mV
NOTE 3: This parameter is ensured by design and is not production tested.
hysteretic comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
VDROOP = 0 V (see Note 3)
−2.5
2.5
mV
Input bias current
See Note 3
500
nA
Hysteresis accuracy
VREFB – VHYST = 15 mV
(Hysteresis window = 30 mV)
−3.5
3.5
mV
Maximum hysteresis setting
VREFB – VHYST = 30 mV
60
mV
NOTE 3: This parameter is ensured by design and is not production tested.


Similar Part No. - TPS5210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210DW TI-TPS5210DW Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI-TPS5210PWP Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results

Similar Description - TPS5210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
   5-Bit Programmable Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com