Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3813J25DBV Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3813J25DBV
Description  PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3813J25DBV Datasheet(HTML) 4 Page - Texas Instruments

  TPS3813J25DBV Datasheet HTML 1Page - Texas Instruments TPS3813J25DBV Datasheet HTML 2Page - Texas Instruments TPS3813J25DBV Datasheet HTML 3Page - Texas Instruments TPS3813J25DBV Datasheet HTML 4Page - Texas Instruments TPS3813J25DBV Datasheet HTML 5Page - Texas Instruments TPS3813J25DBV Datasheet HTML 6Page - Texas Instruments TPS3813J25DBV Datasheet HTML 7Page - Texas Instruments TPS3813J25DBV Datasheet HTML 8Page - Texas Instruments TPS3813J25DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPS3813J25, TPS3813L30, TPS3813K33, TPS3813I50
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
SLVS331A – DECEMBER 2000 – REVISED APRIL 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
implemented window-watchdog settings
There are two different ways to set up the watchdog window. The first way is to use the implemented timing which
is a default setting. Or, the default settings can be activated by wiring the WDT and WDR pin to VDD or GND.
There is a total of four different timings available with these settings. They are listed in the table below.
SELECTED OPERATION MODE
WINDOW
FRAME
LOWER WINDOW
FRAME
Max = 0.3 s
Max = 9.46 ms
WDR = 0 V
Typ = 0.25 s
Typ = 7.86 ms
WDT=0V
Min = 0.2 s
Min = 6.27 ms
WDT = 0 V
Max = 0.3 s
Max = 2.43 ms
WDR = VDD
Typ = 0.25 s
Typ = 2 ms
Min = 0.2 s
Min = 1.58 ms
Max = 3 s
Max = 93.8 ms
WDR = 0 V
Typ = 2.5 s
Typ = 78.2 ms
WDT=VDD
Min = 2 s
Min = 62.5 ms
WDT = VDD
Max = 3 s
Max = 23.5 ms
WDR = VDD
Typ = 2.5 s
Typ = 19.6 ms
Min = 2 s
Min = 15.6 ms
To visualize the values named in the table, a timing diagram was prepared. It is used to describe the upper and
lower boundary settings. For an application, the important boundaries are the tboundary,max and twindow,min.
Within these values, the watchdog timer should be retriggered to avoid a timeout condition or a boundary
violation in the event of a trigger pulse in the lower boundary. The values in the table above are typical and worst
case conditions. They are valid over the whole temperature range of –40
°C to 85°C.
In the shaded area of Figure 1, it cannot be predicted if the device will detect a violation or not and release a
reset. This is also the case between the boundary tolerance of tboundary,min and tboundary,max as well as between
twindow,min and twindow,max. It is important to set up the trigger pulses accordingly to avoid violations in these
areas.
Window Frame to Reset the WDI
tboundary, min
tboundary, max
tboundary, typ
Detection of
Rising Edge
WDI
t
twindow, min
twindow, typ
twindow, max
Figure 1. Upper and Lower Boundary Visualization


Similar Part No. - TPS3813J25DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25DBV TI-TPS3813J25DBV Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25DBVR TI-TPS3813J25DBVR Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25DBVR TI1-TPS3813J25DBVR Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813J25DBVRG4 TI-TPS3813J25DBVRG4 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25DBVRG4 TI1-TPS3813J25DBVRG4 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
More results

Similar Description - TPS3813J25DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com