Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA684ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684ID
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA684ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA684ID Datasheet HTML 7Page - Texas Instruments OPA684ID Datasheet HTML 8Page - Texas Instruments OPA684ID Datasheet HTML 9Page - Texas Instruments OPA684ID Datasheet HTML 10Page - Texas Instruments OPA684ID Datasheet HTML 11Page - Texas Instruments OPA684ID Datasheet HTML 12Page - Texas Instruments OPA684ID Datasheet HTML 13Page - Texas Instruments OPA684ID Datasheet HTML 14Page - Texas Instruments OPA684ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
OPA684
11
SBOS219D
www.ti.com
–50
–60
–70
–80
–90
Frequency (MHz)
0.1
20
110
HARMONIC DISTORTION vs FREQUENCY
V
O = 2Vp-p
R
L = 100Ω
See Figure 3
2nd-Harmonic
3rd-Harmonic
2-TONE, 3RD-ORDER
INTERMODULATION DISTORTION
–15 –14 –13 –12 –11 –10
–6
–5
–7
–8
–9
–4
–3
Power at Load (each tone, dBm)
–50
–60
–70
–80
–90
See Figure 3
10MHz
20MHz
5MHz
1MHz
SUPPLY AND OUTPUT CURRENT
vs TEMPERATURE
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
100
75
50
1.5
1.4
1.3
1.2
1.1
1.0
Supply Current
Right Scale
Sourcing Output Current
Left Scale
Sinking Output Current
Left Scale
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
Number of 150
Ω Video Loads
14
23
COMPOSITE VIDEO DIFFERENTIAL GAIN/PHASE
dP
dG
G = +2
NTSC, Positive Video
TYPICAL CHARACTERISTICS: VS = +5V (Cont.)
At TA = +25°C, VS = 5V, G = +2, RF = 1.3kΩ, RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
100
1k
Load Resistance (
Ω)
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
See Figure 3
3rd-Harmonic
2nd-Harmonic
–50
–60
–70
–80
–90
Output Voltage (Vp-p)
0.5
3
12
HARMONIC DISTORTION vs OUTPUT VOLTAGE
G = +2
R
L = 100Ω
f = 5MHz
3rd-Harmonic
2nd-Harmonic
See Figure 3


Similar Part No. - OPA684ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA684ID TI-OPA684ID Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA684IDBVR TI-OPA684IDBVR Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA684IDBVT TI-OPA684IDBVT Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA684IDR TI-OPA684IDR Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA684ID

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
logo
Texas Instruments
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4684 BURR-BROWN-OPA4684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4684M TI1-OPA4684M Datasheet
1Mb / 32P
[Old version datasheet]   QUAD LOW-POWER CURRENT-FEEDBACK OPERATIONAL AMPLIFIER
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com