Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APF100-48S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # APF100-48S
Description  Fully Isolated Plastic Case with IP67 Level
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

APF100-48S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  APF100-48S Datasheet HTML 1Page - Arch Electronics Corp. APF100-48S Datasheet HTML 2Page - Arch Electronics Corp. APF100-48S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.
VER : B_2
update : 2015.09.04
LED Power
APF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. It's recommended to add Varistor 14S561K at L / N input side in parallel.
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM


Similar Part No. - APF100-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
APF100-48S ARCH-APF100-48S Datasheet
271Kb / 2P
   LED Power
More results

Similar Description - APF100-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PSF60 ARCH-PSF60_16 Datasheet
215Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF75 ARCH-PSF75_16 Datasheet
277Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
APF150 ARCH-APF150_16 Datasheet
181Kb / 3P
   Fully Isolated Plastic Case with IP67 Level
PLF60_SERIES ARCH-PLF60_SERIES Datasheet
310Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30_SERIES ARCH-PLF30_SERIES Datasheet
306Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PSF100 ARCH-PSF100_16 Datasheet
281Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF30 ARCH-PLF30_16 Datasheet
243Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF60 ARCH-PLF60_16 Datasheet
239Kb / 2P
   Fully Isolated Plastic Case with IP67 Level
PLF25 ARCH-PLF25_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
PLF16 ARCH-PLF16_16 Datasheet
222Kb / 2P
   Fully Isolated Plastic Case with IP65 Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com