Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALF150-36 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ALF150-36
Description  LED Power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF150-36 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ALF150-36 Datasheet HTML 1Page - Arch Electronics Corp. ALF150-36 Datasheet HTML 2Page - Arch Electronics Corp. ALF150-36 Datasheet HTML 3Page - Arch Electronics Corp. ALF150-36 Datasheet HTML 4Page - Arch Electronics Corp. ALF150-36 Datasheet HTML 5Page - Arch Electronics Corp. ALF150-36 Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VER : D_2
update : 2015.09.04
LED Power
ALF150 SERIES
150 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
ALF150-12S
ALF150-24S
ALF150-36S
ALF150-48S
ALF150-54S
Operating Temperature
-30°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>127,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
6.44 x 2.79 x 1.5 Inches
( 163.7 x 71.0 x 38.0 mm ) Tolerance
0.5 mm
Weight
635 g
Physical
Cooling Method
Free air convection
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. It's recommended to add Varistor 14S561K at L / N input side in parallel.
This series has IP65 and IP67, when you place order, please be noted as ordering Part No.
Model No.
ALF150-12S
ALF150-24S
ALF150-36S
ALF150-48S
ALF150-54S
IP65
ALF150-12S-IP65
ALF150-24S-IP65
ALF150-36S-IP65
ALF150-48S-IP65
ALF150-54S-IP65
Ordering
Part No
IP67
ALF150-12S-IP67
ALF150-24S-IP67
ALF150-36S-IP67
ALF150-48S-IP67
ALF150-54S-IP67
DERATING
BLOCK DIAGRAM


Similar Part No. - ALF150-36

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF150-36S ARCH-ALF150-36S Datasheet
332Kb / 5P
   LED Power
More results

Similar Description - ALF150-36

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com