Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZ16B-FL Datasheet(PDF) 8 Page - Formosa MS

Part # UDZ16B-FL
Description  SMD Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ16B-FL Datasheet(HTML) 8 Page - Formosa MS

  UDZ16B-FL Datasheet HTML 1Page - Formosa MS UDZ16B-FL Datasheet HTML 2Page - Formosa MS UDZ16B-FL Datasheet HTML 3Page - Formosa MS UDZ16B-FL Datasheet HTML 4Page - Formosa MS UDZ16B-FL Datasheet HTML 5Page - Formosa MS UDZ16B-FL Datasheet HTML 6Page - Formosa MS UDZ16B-FL Datasheet HTML 7Page - Formosa MS UDZ16B-FL Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
UDZ2.4B-FL THRU UDZ36B-FL
DS-221753
2011/01/03
-
A
8
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Pressure Cooker
5. Temperature Cycling
6. Thermal Shock
7. Humidity
8. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =150 C for 168 hrs.
R
J
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
O
O
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference


Similar Part No. - UDZ16B-FL

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ16B ROHM-UDZ16B Datasheet
58Kb / 3P
   Zener diode
logo
Diodes Incorporated
UDZ16B DIODES-UDZ16B Datasheet
89Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30290 Rev. 5 - 1
logo
Diode Semiconductor Kor...
UDZ16B DSK-UDZ16B Datasheet
312Kb / 5P
   Surface mount zener diode
logo
Formosa MS
UDZ16B FORMOSA-UDZ16B Datasheet
62Kb / 8P
   SMD Zener Diode
More results

Similar Description - UDZ16B-FL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com