Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5610IYE Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV5610IYE
Description  2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5610IYE Datasheet(HTML) 2 Page - Texas Instruments

  TLV5610IYE Datasheet HTML 1Page - Texas Instruments TLV5610IYE Datasheet HTML 2Page - Texas Instruments TLV5610IYE Datasheet HTML 3Page - Texas Instruments TLV5610IYE Datasheet HTML 4Page - Texas Instruments TLV5610IYE Datasheet HTML 5Page - Texas Instruments TLV5610IYE Datasheet HTML 6Page - Texas Instruments TLV5610IYE Datasheet HTML 7Page - Texas Instruments TLV5610IYE Datasheet HTML 8Page - Texas Instruments TLV5610IYE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TLV5610IYE
TLV5608IYE
SLAS393 − OCTOBER 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGE
TA
WCS(1)
(YE)
−40
°C to 85°C
TLV5610IYE
−40
°C to 85°C
TLV5608IYE
(1) Wafer chip scale package. See Figure 13.
FUNCTIONAL BLOCK DIAGRAM
OUTA
12/10
12/10
Serial
Interface
12
8
REF
SCLK
DIN
FS
MODE
DOUT
DAC B, C, D, E, F, G and H
Same as DAC A
OUT
PRE
LDAC
X2
B, C, D,
E, F, G
and H
DAC A
Holding
Latch
DAC A
Latch
12/10
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
10
P
Analog ground
AVDD
11
P
Analog power supply
DGND
1
P
Digital ground
DIN
2
I
Digital serial data input
DOUT
19
O
Digital serial data output
DVDD
20
P
Digital power supply
FS
4
I
Frame sync input
LDAC
18
I
Load DAC. The DAC outputs are only updated, if this signal is low. It is an asynchronous input.
MODE
17
I
DSP/
µC mode pin. High = µC mode, NC = DSP mode.
PRE
5
I
Preset input
REF
16
I
Voltage reference input
SCLK
3
I
Serial clock input
OUTA−OUTH
12−15,
6−9
O
DAC outputs A, B, C, D, E, F, G and H


Similar Part No. - TLV5610IYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5610IYE TI1-TLV5610IYE Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
TLV5610IYE TI1-TLV5610IYE_16 Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
More results

Similar Description - TLV5610IYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5610IYE TI1-TLV5610IYE_16 Datasheet
177Kb / 16P
[Old version datasheet]   2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
TLV5614Y TI1-TLV5614Y Datasheet
231Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, 12-BIT QUAD DAC IN WAFER CHIP SCALE PACKAGE
TLV5614IYZ TI1-TLV5614IYZ Datasheet
666Kb / 25P
[Old version datasheet]   12-Bit, Quad Channel, 2.7V to 5.5V, DAC in Bumped Die (Wafer Chip Scale) Package?봒b-Free/Green
logo
Analog Devices
AD7568 AD-AD7568_15 Datasheet
354Kb / 14P
   Octal 12-Bit DAC
REV. C
logo
Micrel Semiconductor
MIC5388 MICREL-MIC5388 Datasheet
582Kb / 12P
   Dual 200mA Peak LDO in Wafer Level Chip Scale Package
logo
Texas Instruments
TLV5610IYZ TI1-TLV5610IYZ Datasheet
511Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package?봒b-Free/Green
logo
Analog Devices
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com