Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5270B Datasheet(PDF) 3 Page - Formosa MS

Part # MMBZ5270B
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMBZ5270B Datasheet(HTML) 3 Page - Formosa MS

  MMBZ5270B Datasheet HTML 1Page - Formosa MS MMBZ5270B Datasheet HTML 2Page - Formosa MS MMBZ5270B Datasheet HTML 3Page - Formosa MS MMBZ5270B Datasheet HTML 4Page - Formosa MS MMBZ5270B Datasheet HTML 5Page - Formosa MS MMBZ5270B Datasheet HTML 6Page - Formosa MS MMBZ5270B Datasheet HTML 7Page - Formosa MS MMBZ5270B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
MMBZ5221B THRU MMBZ5270B
Note:
1. Zener voltage is measured with a pulse test current I at an ambient temperature of 25 C
Z
°
DS-221744
2009/08/10
2010/04/12
B
8
MMBZ5256B
MMBZ5257B
MMBZ5258B
MMBZ5259B
MMBZ5260B


Similar Part No. - MMBZ5270B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBZ5270B WEITRON-MMBZ5270B Datasheet
268Kb / 5P
   Surface Mount Zener Diodes
MMBZ5270B WEITRON-MMBZ5270B Datasheet
295Kb / 3P
   Surface Mount Zener Diode
logo
Yea Shin Technology Co....
MMBZ5270B YEASHIN-MMBZ5270B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
MMBZ5270BL ONSEMI-MMBZ5270BL Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBZ5270BLT1 LRC-MMBZ5270BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
More results

Similar Description - MMBZ5270B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com