Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5266B Datasheet(PDF) 7 Page - Formosa MS

Part # MMSZ5266B
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5266B Datasheet(HTML) 7 Page - Formosa MS

  MMSZ5266B Datasheet HTML 1Page - Formosa MS MMSZ5266B Datasheet HTML 2Page - Formosa MS MMSZ5266B Datasheet HTML 3Page - Formosa MS MMSZ5266B Datasheet HTML 4Page - Formosa MS MMSZ5266B Datasheet HTML 5Page - Formosa MS MMSZ5266B Datasheet HTML 6Page - Formosa MS MMSZ5266B Datasheet HTML 7Page - Formosa MS MMSZ5266B Datasheet HTML 8Page - Formosa MS MMSZ5266B Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Page 7
Formosa MS
SMD Zener Diode
unit:mm
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Item
Tolerance
SOD-123F
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
2.00
3.85
1.10
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
MMSZ5221B THRU MMSZ5267B
DS-221715
2008/02/10
2010/03/10
C
9


Similar Part No. - MMSZ5266B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMSZ5266B DIOTEC-MMSZ5266B Datasheet
54Kb / 2P
   Surface mount Zener Diodes
logo
Weitron Technology
MMSZ5266B WEITRON-MMSZ5266B Datasheet
244Kb / 5P
   Surface Mount Zener Diodes
logo
Diotec Semiconductor
MMSZ5266B DIOTEC-MMSZ5266B Datasheet
98Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
TAITRON Components Inco...
MMSZ5266B TAITRON-MMSZ5266B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
Guangdong Kexin Industr...
MMSZ5266B KEXIN-MMSZ5266B Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
More results

Similar Description - MMSZ5266B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com