Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5266B Datasheet(PDF) 5 Page - Formosa MS

Part # MMSZ5266B
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5266B Datasheet(HTML) 5 Page - Formosa MS

  MMSZ5266B Datasheet HTML 1Page - Formosa MS MMSZ5266B Datasheet HTML 2Page - Formosa MS MMSZ5266B Datasheet HTML 3Page - Formosa MS MMSZ5266B Datasheet HTML 4Page - Formosa MS MMSZ5266B Datasheet HTML 5Page - Formosa MS MMSZ5266B Datasheet HTML 6Page - Formosa MS MMSZ5266B Datasheet HTML 7Page - Formosa MS MMSZ5266B Datasheet HTML 8Page - Formosa MS MMSZ5266B Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rating and characteristic curves (MMSZ5221B THRU MMSZ5267B)
Page 5
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
V , NOMINAL ZENER VOLTAGE (V)
Z
FIG7. Typical Capacitance
100
1000
100
10
1
10
1
BIAS AT
50
OF V
%
Z NOM
TA =25 C
0V BIAS
1V B IAS
VZ, ZENER VOLTAGE (V)
FIG8. Zener Voltage versus Zener Current
(VZ Up to 12 V)
VZ, ZENER VOLTAGE (V)
FIG9. Zener Voltage versus Zener Current
(12V to 91 V)
12
100
10
1
01
.
001
.
10
8
6
4
2
0
TA =25 C
100
10
1
01
.
001
.
10
30
50
70
90
TA =25 C
DS-221715
2008/02/10
2010/03/10
C
9


Similar Part No. - MMSZ5266B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMSZ5266B DIOTEC-MMSZ5266B Datasheet
54Kb / 2P
   Surface mount Zener Diodes
logo
Weitron Technology
MMSZ5266B WEITRON-MMSZ5266B Datasheet
244Kb / 5P
   Surface Mount Zener Diodes
logo
Diotec Semiconductor
MMSZ5266B DIOTEC-MMSZ5266B Datasheet
98Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
TAITRON Components Inco...
MMSZ5266B TAITRON-MMSZ5266B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
Guangdong Kexin Industr...
MMSZ5266B KEXIN-MMSZ5266B Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
More results

Similar Description - MMSZ5266B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com