Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZGFM3018B Datasheet(PDF) 1 Page - Formosa MS

Part # ZGFM3018B
Description  Chip Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM3018B Datasheet(HTML) 1 Page - Formosa MS

  ZGFM3018B Datasheet HTML 1Page - Formosa MS ZGFM3018B Datasheet HTML 2Page - Formosa MS ZGFM3018B Datasheet HTML 3Page - Formosa MS ZGFM3018B Datasheet HTML 4Page - Formosa MS ZGFM3018B Datasheet HTML 5Page - Formosa MS ZGFM3018B Datasheet HTML 6Page - Formosa MS ZGFM3018B Datasheet HTML 7Page - Formosa MS ZGFM3018B Datasheet HTML 8Page - Formosa MS ZGFM3018B Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
Formosa MS
Chip Zener Diode
1
2
2
2
2
3
4~5
6
6
7
8
8
9
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Electrical characteristics...................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
ZGFM306V8B THRU ZGFM30200B
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121741
2009/08/10
2011/07/01
D
9


Similar Part No. - ZGFM3018B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0512C-MH PACELEADER-ZGFM0512C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM3018B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM103V3B-M FORMOSA-ZGFM103V3B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM5341B FORMOSA-ZGFM5341B Datasheet
60Kb / 8P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
List of Unclassifed Man...
LWH1026 ETC-LWH1026 Datasheet
210Kb / 16P
   LED Chip, Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com