Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5244B Datasheet(PDF) 2 Page - Formosa MS

Part # MMSZ5244B
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5244B Datasheet(HTML) 2 Page - Formosa MS

  MMSZ5244B Datasheet HTML 1Page - Formosa MS MMSZ5244B Datasheet HTML 2Page - Formosa MS MMSZ5244B Datasheet HTML 3Page - Formosa MS MMSZ5244B Datasheet HTML 4Page - Formosa MS MMSZ5244B Datasheet HTML 5Page - Formosa MS MMSZ5244B Datasheet HTML 6Page - Formosa MS MMSZ5244B Datasheet HTML 7Page - Formosa MS MMSZ5244B Datasheet HTML 8Page - Formosa MS MMSZ5244B Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silicon epitaxial planar chip structure.
.
Ideally suited for automated assembly processes.
Features
5% tolerance of Zener voltage for suffix "B" ex: ΜΜSΖ5221Β
Suffix "-H" indicates Halogen free parts, ex. MMSZ5221B-H.
Up to 500mW power dissipation.
Wide Zener Voltage Range Selection, 2.4V to 75V.
Small Package Size for High Density Applications
We declare that the material of product compliance with
RoHS requirements.
Package outline
Page 2
500mW Surface Mount
Zener Diodes - 2.4V-75V
Formosa MS
Parameter
Conditions
Symbol
V
F
P
D
MIN.
TYP.
MAX.
0.9
500
Unit
V
mW
Storage temperature range
Operating junction temperature range
T
STG
T
J
-55
-55
+150
+150
oC
oC
Maximum ratings (at T =25 C unless otherwise noted)
A
o
Forward voltage
Power Dissipation (Note 1)
I= 10 mA
F
SMD Zener Diode
Dimensions in inches and (millimeters)
SOD-123F
0.053(1.35)
0.037(0.95)
0.110(2.80)
0.098(2.50)
0.154(3.90)
0.141(3.60)
Mechanical data
Epoxy:UL94-VO rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
0.010 gram
SOD-123F
Approximated
Document ID
Issued Date
Revised Date
Revision
Page.
Thermal Resistance (Note 2)
Junction to ambient
R
340
θJA
Junction to lead
R
Junction to case
R
θL
θC
J
J
150
200
OC/W
O
O
C/W
C/W
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
On FR-5 Board @T =75 C
L
°
1. FR−5 = 3.5 X 1.5 inches, using the minimum recommended footprint.
2. Thermal Resistance measurement obtained via infrared Scan Method.
MMSZ5221B THRU MMSZ5267B
DS-221715
2008/02/10
2010/03/10
C
9


Similar Part No. - MMSZ5244B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSZ5244B FAIRCHILD-MMSZ5244B Datasheet
158Kb / 5P
   5% TOLERANCE
logo
Yea Shin Technology Co....
MMSZ5244B YEASHIN-MMSZ5244B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
UN Semiconducctor INC
MMSZ5244B UNSEMI-MMSZ5244B Datasheet
2Mb / 6P
   SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Weitron Technology
MMSZ5244B WEITRON-MMSZ5244B Datasheet
244Kb / 5P
   Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5244B TSC-MMSZ5244B Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5244B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com