Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5254B Datasheet(PDF) 2 Page - Formosa MS

Part # MMBZ5254B
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMBZ5254B Datasheet(HTML) 2 Page - Formosa MS

  MMBZ5254B Datasheet HTML 1Page - Formosa MS MMBZ5254B Datasheet HTML 2Page - Formosa MS MMBZ5254B Datasheet HTML 3Page - Formosa MS MMBZ5254B Datasheet HTML 4Page - Formosa MS MMBZ5254B Datasheet HTML 5Page - Formosa MS MMBZ5254B Datasheet HTML 6Page - Formosa MS MMBZ5254B Datasheet HTML 7Page - Formosa MS MMBZ5254B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silicon epitaxial planar chip strucuction.
Wide zener reverse voltage range 2.4V to 91V.
Small package size for high density applications.
Ideally suited for automated assembly processes.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
225 mW Rating on FR–4 or FR–5 Board.
ESD Rating of Class 3 (>16 KV) per Human Body Model.
Suffix "-H" indicates Halogen-free part, ex.MMBZ5221B-H.
Package outline
Page 2
225mW Surface Mount
Zener Diodes - 2.4V-91V
PARAMETER
CONDITIONS
Symbol
P
D
MIN.
TYP.
MAX.
225
UNIT
mW
Storage temperature
Operating temperature
T
STG
T
J
-55
-65
+150
+175
oC
oC
Maximum ratings (at T =25 C unless otherwise noted)
A
o
Power Dissipation
Formosa MS
Zener Diode
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case :
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Molded plastic, SOT-23
Weight : Approximated 0.008 gram
Document ID
Issued Date
Revised Date
Revision
Page.
MMBZ5221B THRU MMBZ5270B
Thermal resistance
OC/W
Junction to ambient
R
θJA
556
V
F
0.9
V
Forward Voltage
DS-221744
2009/08/10
2010/04/12
B
8
I =10mA
F
Dimensions in inches and (millimeters)
SOT-23
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)


Similar Part No. - MMBZ5254B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5254B PANJIT-MMBZ5254B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5254B BILIN-MMBZ5254B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
MMBZ5254B SUNMATE-MMBZ5254B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MMBZ5254B FAIRCHILD-MMBZ5254B Datasheet
204Kb / 6P
   Zeners
logo
TAITRON Components Inco...
MMBZ5254B TAITRON-MMBZ5254B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
More results

Similar Description - MMBZ5254B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com