Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZGFM306V8B Datasheet(PDF) 3 Page - Formosa MS

Part # ZGFM306V8B
Description  Chip Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZGFM306V8B Datasheet(HTML) 3 Page - Formosa MS

  ZGFM306V8B Datasheet HTML 1Page - Formosa MS ZGFM306V8B Datasheet HTML 2Page - Formosa MS ZGFM306V8B Datasheet HTML 3Page - Formosa MS ZGFM306V8B Datasheet HTML 4Page - Formosa MS ZGFM306V8B Datasheet HTML 5Page - Formosa MS ZGFM306V8B Datasheet HTML 6Page - Formosa MS ZGFM306V8B Datasheet HTML 7Page - Formosa MS ZGFM306V8B Datasheet HTML 8Page - Formosa MS ZGFM306V8B Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
Note : 5% tolerance of Zener voltage for suffix "B" ex: ZGFM306V8B is 6.8V 5%
Formosa MS
Chip Zener Diode
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Electrical characteristics (at T =25 C unless otherwise noted)
A
o
Marking
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
mA
I
ZT
Z@ I
ZT
ZT
Max.
mA
I
ZK
Max.(uA)
I
R
Volts
V
R
Z@ I
ZK
ZK
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
110
100
91
85
82
75
68
63
58
50
47
42
37
34
31
28
25
23
21
2.0
2.0
2.0
3.0
4.0
4.0
4.5
5.0
7.0
8.0
10.0
11.0
12.0
13.0
18.0
20.0
23.0
25.0
3Z6V8
3Z7V5
3Z8V2
3Z9V1
3Z10
3Z11
3Z12
3Z13
3Z15
3Z16
3Z18
3Z20
3Z22
3Z24
3Z27
3Z30
3Z33
3Z36
3Z39
1.00
0.50
0.50
0.50
0.50
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
5.0
3.0
3.0
1.0
1.0
0.5
4.0
5.0
6.0
7.0
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.4
27.4
29.7
700
700
700
700
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
Part No.
ZGFM306V8B
ZGFM307V5B
ZGFM308V2B
ZGFM309V1B
ZGFM3010B
ZGFM3011B
ZGFM3012B
ZGFM3013B
ZGFM3015B
ZGFM3016B
ZGFM3018B
ZGFM3020B
ZGFM3022B
ZGFM3024B
ZGFM3027B
ZGFM3030B
ZGFM3033B
ZGFM3036B
ZGFM3039B
45.15
49.35
53.55
58.80
65.10
71.40
19
17
16
15
13
12
30.0
35.0
40.0
48.0
55.0
75.0
3Z43
3Z47
3Z51
3Z56
3Z62
3Z68
0.25
0.25
0.25
0.25
0.25
0.25
32.7
35.8
38.8
42.6
47.1
51.7
1500
1500
1500
2000
2000
2000
ZGFM3043B
ZGFM3047B
ZGFM3051B
ZGFM3056B
ZGFM3062B
ZGFM3068B
78.75
86.10
95.55
105.0
11
10
8.2
7.5
90.0
100
125
175
3Z75
3Z82
3Z91
3Z100
0.25
0.25
0.25
0.25
56.0
62.2
69.2
76.0
2000
3000
3000
3000
ZGFM3075B
ZGFM3082B
ZGFM3091B
ZGFM30100B
Nom.
V@ I
ZZT(Volts)
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
Min.
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
40.85
44.65
48.45
53.20
58.90
64.60
71.25
77.90
86.45
95.00
115.5
126.0
136.5
6.8
6.3
5.8
250
325
400
3Z110
3Z120
3Z130
0.25
0.25
0.25
83.6
91.2
98.8
4000
4500
5000
ZGFM30110B
ZGFM30120B
ZGFM30130B
157.5
168.0
189.0
210.0
5.0
4.7
4.2
3.7
575
650
725
900
3Z150
3Z160
3Z180
3Z200
0.25
0.25
0.25
0.25
114.0
121.6
136.8
152.0
6000
6500
7000
8000
ZGFM30150B
ZGFM30160B
ZGFM30180B
ZGFM30200B
110
120
130
150
160
180
200
104.50
114.00
123.50
142.50
152.00
171.00
190.00
9.14
2.0
3Z8V7
0.50
4.0
6.6
700
ZGFM308V7B
8.7
8.27
9.1
60.0
1500
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Document ID
Issued Date
Revised Date
Revision
Page.
ZGFM306V8B THRU ZGFM30200B
DS-121741
2009/08/10
2011/07/01
D
9
Max
.()
Ω
Max
.()
Ω


Similar Part No. - ZGFM306V8B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0510C-MH PACELEADER-ZGFM0510C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0511C-MH PACELEADER-ZGFM0511C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM0512C-MH PACELEADER-ZGFM0512C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM306V8B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM103V3B-M FORMOSA-ZGFM103V3B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM5341B FORMOSA-ZGFM5341B Datasheet
60Kb / 8P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
List of Unclassifed Man...
LWH1026 ETC-LWH1026 Datasheet
210Kb / 16P
   LED Chip, Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com