Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5251B Datasheet(PDF) 6 Page - Formosa MS

Part # MMBZ5251B
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMBZ5251B Datasheet(HTML) 6 Page - Formosa MS

  MMBZ5251B Datasheet HTML 1Page - Formosa MS MMBZ5251B Datasheet HTML 2Page - Formosa MS MMBZ5251B Datasheet HTML 3Page - Formosa MS MMBZ5251B Datasheet HTML 4Page - Formosa MS MMBZ5251B Datasheet HTML 5Page - Formosa MS MMBZ5251B Datasheet HTML 6Page - Formosa MS MMBZ5251B Datasheet HTML 7Page - Formosa MS MMBZ5251B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
Packing information
Formosa MS
Zener Diode
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Document ID
Issued Date
Revised Date
Revision
Page.
MMBZ5221B THRU MMBZ5270B
Item
Tolerance
SOT-23
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
3.15
2.77
1.22
DS-221744
2009/08/10
2010/04/12
B
8


Similar Part No. - MMBZ5251B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5251B PANJIT-MMBZ5251B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5251B BILIN-MMBZ5251B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
MMBZ5251B SUNMATE-MMBZ5251B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MMBZ5251B FAIRCHILD-MMBZ5251B Datasheet
204Kb / 6P
   Zeners
logo
TAITRON Components Inco...
MMBZ5251B TAITRON-MMBZ5251B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
More results

Similar Description - MMBZ5251B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com