Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z160B Datasheet(PDF) 4 Page - Formosa MS

Part # Z160B
Description  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z160B Datasheet(HTML) 4 Page - Formosa MS

  Z160B Datasheet HTML 1Page - Formosa MS Z160B Datasheet HTML 2Page - Formosa MS Z160B Datasheet HTML 3Page - Formosa MS Z160B Datasheet HTML 4Page - Formosa MS Z160B Datasheet HTML 5Page - Formosa MS Z160B Datasheet HTML 6Page - Formosa MS Z160B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Rating and characteristic curves (Z100B THRU Z330B)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
o
LEAD TEMPERATURE ( C)
FIG.1-TOTAL POWER DISSIPATION VS.
AMBIENT TEMPERATURE
0
0
200
400
600
800
1000
1200
40
80
120
160
200
.1
1.0
10
100
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
T =25 C
J
FIG.4 - TYPICAL TEMPERATURE COEFFICIENTS
10
20
50
100
200
500
1000
VZ, ZENER VOLTAGE @ IZT, VOLTS
10
20
50
100
200
500
1000
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222716
2008/02/10
2010/03/10
B
7


Similar Part No. - Z160B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
Z160 RECTRON-Z160 Datasheet
17Kb / 2P
   ZENER SILICON RETIFIER
logo
Formosa MS
Z160 FORMOSA-Z160 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
Z160 SEMTECH_ELEC-Z160 Datasheet
217Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
Z160 NJSEMI-Z160 Datasheet
94Kb / 1P
   PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
TDK Electronics
Z160-1.3-IEEE-U TDK-Z160-1.3-IEEE-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results

Similar Description - Z160B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com