Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZ5.6B-FL Datasheet(PDF) 3 Page - Formosa MS

Part # UDZ5.6B-FL
Description  SMD Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ5.6B-FL Datasheet(HTML) 3 Page - Formosa MS

  UDZ5.6B-FL Datasheet HTML 1Page - Formosa MS UDZ5.6B-FL Datasheet HTML 2Page - Formosa MS UDZ5.6B-FL Datasheet HTML 3Page - Formosa MS UDZ5.6B-FL Datasheet HTML 4Page - Formosa MS UDZ5.6B-FL Datasheet HTML 5Page - Formosa MS UDZ5.6B-FL Datasheet HTML 6Page - Formosa MS UDZ5.6B-FL Datasheet HTML 7Page - Formosa MS UDZ5.6B-FL Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
Marking
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
mA
I
ZT
Z
@ I
ZT
ZT
Max.(V)
V @ I
Z
ZT
mA
I
ZK
I
R
Volts
V
R
Z
@ I
ZK
ZK
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
80
100
60
110
40
90
40
90
30
90
30
30
30
20
20
20
40
40
50
60
80
80
100
100
100
100
D3
D=
D4
D5
D0
D6
D1
D7
D2
D8
D9
DA
DB
DC
DE
DF
DG
DJ
DK
DL
DM
DN
DP
DR
DS
0.5
0.5
1.0
1.0
1.0
0.5
0.5
0.5
0.5
2.7
120
1.8
100
0.9
4.5
2.7
2.7
1.8
2.7
0.9
0.63
0.45
0.18
0.09
0.09
0.09
0.045
2.0
1.0
2.0
1.0
2.0
1.0
4.0
4.0
5.0
5.0
1.0
1.0
6.0
7.0
8.0
8.0
8.0
10.5
12.6
14.0
15.4
16.8
18.9
21.0
23.0
25.2
500
1000
500
1000
300
600
150
600
75
600
75
75
90
150
150
150
160
190
220
220
240
240
300
300
310
330
Part No.
UDZ4.7B-FL
UDZ2.4B-FL
UDZ5.1B-FL
UDZ2.7B-FL
UDZ5.6B-FL
UDZ3.6B-FL
UDZ6.2B-FL
UDZ3.9B-FL
UDZ6.8B-FL
UDZ4.3B-FL
UDZ7.5B-FL
UDZ8.2B-FL
UDZ9.1B-FL
UDZ10B-FL
UDZ11B-FL
UDZ12B-FL
UDZ13B-FL
UDZ15B-FL
UDZ18B-FL
UDZ20B-FL
UDZ22B-FL
UDZ24B-FL
UDZ27B-FL
UDZ30B-FL
UDZ33B-FL
UDZ36B-FL
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Min.(V)
4.55
2.43
4.98
2.69
5.49
3.60
6.06
3.89
6.65
4.17
7.28
8.02
8.85
9.77
10.76
11.74
12.91
14.34
17.56
19.52
21.54
23.72
26.19
29.19
32.15
35.07
4.75
2.63
5.20
2.91
5.73
3.85
6.33
4.16
6.93
4.43
7.60
8.36
9.23
10.21
11.22
12.24
13.49
14.98
18.35
20.39
22.47
24.78
27.53
30.69
33.79
36.87
SMD Zener Diode
o
Electrical characteristics (at T =25 C unless otherwise noted)
A
5
40
11.2
190
UDZ16B-FL
15.85
16.51
DH
Document ID
Issued Date
Revised Date
Revision
Page.
5
5
120
120
D>
D<
0.5
0.5
50
20
1.0
1.0
1000
1000
UDZ3.0B-FL
UDZ3.3B-FL
3.01
3.32
3.22
3.53
Note:
1. The Zener Voltage (V ) is tested under pulse condition of 10ms.
Z
2. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (I
or I ) is superimposed to I
or I .
ZT
ZK
ZT
ZK
UDZ2.4B-FL THRU UDZ36B-FL
(Ω)Max
(Ω)Max
(uA)Max
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
DS-221753
2011/01/03
-
A
8


Similar Part No. - UDZ5.6B-FL

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ5.6B ROHM-UDZ5.6B Datasheet
58Kb / 3P
   Zener diode
logo
Formosa MS
UDZ5.6B FORMOSA-UDZ5.6B Datasheet
62Kb / 8P
   SMD Zener Diode
More results

Similar Description - UDZ5.6B-FL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com